Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M3-P3-S3-1-1110-1 Datasheet(PDF) 1 Page - ITT Industries

Part # M3-P3-S3-1-1110-1
Description  Cm3 Connector Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

M3-P3-S3-1-1110-1 Datasheet(HTML) 1 Page - ITT Industries

  M3-P3-S3-1-1110-1 Datasheet HTML 1Page - ITT Industries M3-P3-S3-1-1110-1 Datasheet HTML 2Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications and dimensions subject to change
www.ittcannon.com
Features/Benefits
Maximumpower/minimumsize
Lowprofiledesignforspacesensitive
applications
Replacesconventionalcircular
connectors(50%lessweight)
Simpleharnessingandfastinstallation
Easycontactassemblywithouttool
Onlyonehousingforsignalandpower
connectors
Excellentvibrationresistance
2sealedentriesforpowerandsignalcable
TypicalApplications
Smallservomotors
Factoryautomation
Materialhandling
Industrialmotioncontrol
Robotics
Materials
HOUSING: Zinc die cast, plating optional
INSULATORS: PBT glass filled
SEALING: FKM or alternative
CRIMP SLEEVE: Brass
CONTACT MATERIAL: Brass / beryllium copper gold plated
Mechanical
MATING CYCLES: min 50
MECHANICAL CODING: 3 coding for signal
WEIGHT: approximate 170 g (without cable)
Operating Environment
OPERATING TEMPERATURE: -40˚C - 125˚C
STORAGE TEMPERATURE: -40˚C -/+ 85˚C
CLIMATIC CATEGORY: -40˚C / 125˚C/56
WATER TIGHTNESS: IP65 or IP67
NOTE: Specifications and materials subject to change.
Specifications
POWER
CURRENT RATING AT 80˚C (176˚F) ambient temp: 12 A max
MAXIMUM VOLTAGE: 630 VAC
OVER VOLTAGE CATEGORY II: Test voltage 4.8 KV
DIELECTRIC STRENGTH: 2.2 KV
CONTACT RESISTANCE: <5 m Ohm
INSULATION RESISTANCE:
≥5000 M Ohm
POLLUTION DEGREE: 2
CABLE DIAMETER MAX: 11 mm
CRIMP TERMINATION (CABLE SIDE):
1,5 mm2 / AWG 16 (0.002325 in2 / AWG 16)
CRIMP TERMINATION (INSIDE MOTOR):
0,38 mm2 -- 0,78 mm2 / AWG 22 - 18 (0.000589 in2 - 0.001209 in2 / AWG 22 - 18)
SIGNAL
CURRENT RATING AT 80˚C (176˚F) ambient temp: 3 A max
MAXIMUM VOLTAGE: 48 VAC
DIELECTRIC STRENGTH: 500 VDC
CONTACT RESISTANCE: <10 m Ohm
INSULATION RESISTANCE:
≥5000 M Ohm
CABLE DIAMETER MAX: 11 mm
CRIMP TERMINATION (CABLE SIDE):
1,0 mm2 / AWG 17 (0.00155 in2 / AWG 17)
CRIMP TERMINATION (INSIDE MOTOR):
0,14 mm2 -- 0,38 mm2 / AWG 26 - 22 (0.000217 in2 - 0.000589 in2 / AWG 26 - 22)
Cm3
TM Connector Series
Order code on next page


Similar Part No. - M3-P3-S3-1-1110-1

ManufacturerPart #DatasheetDescription
logo
Dongguan Pingjingsemi T...
M3-PJ PJSEMI-M3-PJ Datasheet
902Kb / 3P
   Surface Mount General Purpose Silicon Rectifiers
More results

Similar Description - M3-P3-S3-1-1110-1

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
TMM-1-0-20-1 AMPHENOL-TMM-1-0-20-1 Datasheet
58Kb / 2P
   TMM CONNECTOR SERIES
logo
ITT Industries
120220-0113 ITT-120220-0113 Datasheet
185Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Amphenol Corporation
BE151 AMPHENOL-BE151 Datasheet
137Kb / 3P
   MUSB CONNECTOR SERIES
083-58FCP AMPHENOL-083-58FCP Datasheet
2Mb / 8P
   UHF Connector Series
logo
ITT Industries
KPSE06F16-26S ITT-KPSE06F16-26S Datasheet
369Kb / 2P
   26482 Series Connector
120220-0127 ITT-120220-0127 Datasheet
114Kb / 1P
   MOBILE CONNECTOR SERIES
logo
Hirose Electric
QRP1-12P-C HIROSE-QRP1-12P-C Datasheet
213Kb / 4P
   QP/P1 SERIES CONNECTOR
logo
Tyco Electronics
292132-2 MACOM-292132-2 Datasheet
662Kb / 6P
   AMP CT Connector Series
logo
Switchcraft, Inc.
EN3L2MC SWITCH-EN3L2MC Datasheet
22Kb / 1P
   MINI WEATHERTIGHT CONNECTOR SERIES
logo
Newhaven Display Intern...
MOLEX52745-0496 NEWHAVEN-MOLEX52745-0496 Datasheet
161Kb / 9P
   PITCH FPC CONNECTOR series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com