Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJ3OX8Y12NANVO2C2S1J5 Datasheet(PDF) 6 Page - ITT Industries

Part # AJ3OX8Y12NANVO2C2S1J5
Description  AJ3 Joystick for Heavy Duty Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

AJ3OX8Y12NANVO2C2S1J5 Datasheet(HTML) 6 Page - ITT Industries

  AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 1Page - ITT Industries AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 2Page - ITT Industries AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 3Page - ITT Industries AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 4Page - ITT Industries AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 5Page - ITT Industries AJ3OX8Y12NANVO2C2S1J5 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
E-11
Dimensional Drawings
AJ3 Joystick Base Unit
Ordering code
12
3
4
5
6
7
8
9
Example
AJ3
S
X8
Y8
NA
O31
CA1
C2
KHD9
1
Type
AJ3
2
Gate
O = Round
S = Square
C = Cross
X = X-axis single
Y = Y axis single
3
X-Axis
X4 = 4 N
Operation
X8 = 8 N
Force
X12 = 12 N
X16 = 16 N
4
Y-Axis
Y4 = 4 N
Operation
Y8 = 8N
Force
Y12 = 12 N
Y16 = 16 N
5
Friction
Currently not available
Hold
NA = None
6
Over
N = None
Travel
O30 = +12 N all directions
(float)
O31 = +12 N forward
O32 = +12 N right
O35 = 12 N forward + rt.
7
Output
VO1 = 0 - Ubat - 2.5V
Signals
VO2 = 0 - 5V
VO3 = 0 - 10V
VO4 = 3 - 9V
VO8 = 0.5 - 4.5V
CO1 = Current 4 - 20 mA
PW1 = PWM 122 Hz
CA1 = CA N 2.0A
CA2 = CA N 2.0B
8
Output
C2 = voltage (default)
Center
Position
9
Grip
0 = No Grip Attached
S1J5 = MFG S1J5
KHD9 = MFG KHD9
S2J3 = MFG S2J3
Ball
54.280 mm
(2.137)
22.276 mm
(0.877)
103.988 mm
(4.094)
69.596 mm (2.740)
4.191 mm (0.165)
62.992 mm (2.480)
64.999 mm (2.559)
70.993 mm (2.795)
5.283 mm (0.208)
69.977 mm (2.755)
70.993 mm (2.795)
65.983 mm (2.519)
64.499 mm (2.559)
77.978 mm (3.07)
83.998 mm (3.307)


Similar Part No. - AJ3OX8Y12NANVO2C2S1J5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AJ3 SENSATA-AJ3 Datasheet
330Kb / 4P
   JOYSTICK
logo
Knowles Electronics
AJ30 KNOWLES-AJ30 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
AJ32C1 ETC2-AJ32C1 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AJ32C1 CALIBER-AJ32C1 Datasheet
51Kb / 1P
   HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AJ32C3 ETC2-AJ32C3 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
More results

Similar Description - AJ3OX8Y12NANVO2C2S1J5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com