Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFG25AW Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BFG25AW
Description  NPN 5 GHz wideband transistors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BFG25AW Datasheet(HTML) 5 Page - NXP Semiconductors

  BFG25AW Datasheet HTML 1Page - NXP Semiconductors BFG25AW Datasheet HTML 2Page - NXP Semiconductors BFG25AW Datasheet HTML 3Page - NXP Semiconductors BFG25AW Datasheet HTML 4Page - NXP Semiconductors BFG25AW Datasheet HTML 5Page - NXP Semiconductors BFG25AW Datasheet HTML 6Page - NXP Semiconductors BFG25AW Datasheet HTML 7Page - NXP Semiconductors BFG25AW Datasheet HTML 8Page - NXP Semiconductors BFG25AW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
1998 Sep 23
5
Philips Semiconductors
Product specification
NPN 5 GHz wideband transistors
BFG25AW; BFG25AW/X
f = 500 MHz; VCE =1V.
Fig.6
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
1
2
MLB973
3
gain
(dB)
I
(mA)
C
G UM
MSG
f = 1 GHz; VCE =1V.
Fig.7
Gain as a function of collector current;
typical values.
handbook, halfpage
0
30
20
10
0
1
2
MLB974
3
gain
(dB)
I
(mA)
C
MSG
G UM
IC = 0.5 mA; VCE =1V.
Fig.8
Gain as a function of frequency;
typical values.
handbook, halfpage
50
0
10
MLB975
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
G UM
MSG
Fig.9
Gain as a function of frequency;
typical values.
IC = 1 mA; VCE =1V.
handbook, halfpage
50
0
10
MLB976
10
2
10
3
10
4
10
20
30
40
gain
(dB)
f (MHz)
G UM
MSG


Similar Part No. - BFG25AW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BFG25AW NXP-BFG25AW Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
BFG25AW-X NXP-BFG25AW-X Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BFG25AW

ManufacturerPart #DatasheetDescription
logo
Quanzhou Jinmei Electro...
BFG590 JMNIC-BFG590_15 Datasheet
93Kb / 12P
   NPN 5 GHz wideband transistors
logo
NXP Semiconductors
BFG590W PHILIPS-BFG590W Datasheet
110Kb / 12P
   NPN 5 GHz wideband transistors
1998 Oct 15
BFG590 PHILIPS-BFG590 Datasheet
105Kb / 12P
   NPN 5 GHz wideband transistors
1998 Oct 02
logo
Quanzhou Jinmei Electro...
BFG590_2015 JMNIC-BFG590_2015 Datasheet
93Kb / 12P
   NPN 5 GHz wideband transistors
logo
NXP Semiconductors
BFG590 NXP-BFG590 Datasheet
263Kb / 11P
   NPN 5 GHz wideband transistors
Rev. 04-12 November 2007
BFG520W PHILIPS-BFG520W Datasheet
154Kb / 16P
   NPN 9 GHz wideband transistors
1998 Oct 02
BFG93A PHILIPS-BFG93A Datasheet
133Kb / 16P
   NPN 6 GHz wideband transistors
1998 Sep 23
logo
Quanzhou Jinmei Electro...
BFG67_2015 JMNIC-BFG67_2015 Datasheet
116Kb / 16P
   NPN 8 GHz wideband transistors
BFG505_2015 JMNIC-BFG505_2015 Datasheet
136Kb / 16P
   NPN 9 GHz wideband transistors
BFG520W_2015 JMNIC-BFG520W_2015 Datasheet
130Kb / 16P
   NPN 9 GHz wideband transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com