Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVDS305ZQE Datasheet(PDF) 9 Page - Texas Instruments

Part # SN65LVDS305ZQE
Description  PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS305ZQE Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS305ZQE Datasheet HTML 5Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 6Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 7Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 8Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 9Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 10Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 11Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 12Page - Texas Instruments SN65LVDS305ZQE Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
SN65LVDS305
SLLS744 – AUGUST 2006
Operating Mode Transitions
MODE TRANSITION
USE CASE
TRANSITION SPECIFICS
Shutdown
→ standby
Drive TXEN high to enable
1. TXEN high > 10
µs
transmitter
2. Transmitter enters standby mode.
a. All outputs are high-impedance.
b. Transmitter turns on clock input monitor.
Standby
→ acquire
Transmitter activity detected
1. PCLK input monitor detects clock input activity.
2. Outputs remain high-impedance.
3. PLL circuit is enabled.
Acquire
→ transmit
Link is ready to transfer data.
1. PLL is active and approaches lock.
2. PLL achieved lock within 2 ms.
3. Parallel data input latches into shift register .
4. CLK output turns on.
5. Selected data outputs turn on and send out first serial data bit.
Transmit
→ standby
Request transmitter to enter
1. PCLK Input monitor detects missing PCLK.
standby mode by stopping
2. Transmitter indicates standby, putting all outputs into high-impedance.
PCLK
3. PLL shuts down.
4. PCLK activity input monitor remains active.
Transmit/standby
Turn off transmitter
1. TXEN pulled low for longer than 10
µs
shutdown
2. Transmitter indicates standby, putting output CLK+ and CLK– into
high-impedance state.
3. Transmitter puts all other outputs into high-impedance state.
4. Most IC circuitry is shut down for least power consumption.
ORDERING INFORMATION
PART NUMBER
PACKAGE
SHIPPING METHOD
SN65LVDS305ZQER
ZQE
Reel
over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage range, VDD(2), VDDPLLA, VDDPLLD, VDDLVDS
–0.3 to 2.175
V
Voltage range at any input When VDDx > 0 V
–0.5 to 2.175
V
or output terminal
When VDDx ≤ 0 V
–0.5 to VDD + 2.175
V
Human-body model(3) (all terminals)
±3
kV
Electrostatic discharge
Charged-device model(4) (all terminals)
±500
V
Machine model(5) (all terminals)
±200
Continuous power dissipation
See Dissipation Ratings table
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the GND terminals.
(3)
In accordance with JEDEC Standard 22, Test Method A114-A.
(4)
In accordance with JEDEC Standard 22, Test Method C101.
(5)
In accordance with JEDEC Standard 22, Test Method A115-A
9
Submit Documentation Feedback


Similar Part No. - SN65LVDS305ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301ZQE TI-SN65LVDS301ZQE Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
More results

Similar Description - SN65LVDS305ZQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS311 TI1-SN65LVDS311 Datasheet
1Mb / 32P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS303 TI-SN65LVDS303 Datasheet
883Kb / 30P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL-INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301 Datasheet
2Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_08 Datasheet
1Mb / 34P
[Old version datasheet]   PROGRAMMABLE 27-BIT DISPLAY SERIAL INTERFACE TRANSMITTER
SN65LVDS307 TI-SN65LVDS307 Datasheet
663Kb / 29P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL TRANSMITTER
SN65LVDS301 TI-SN65LVDS301_V01 Datasheet
2Mb / 43P
[Old version datasheet]   SN65LVDS301 Programmable 27-Bit Parallel-to-Serial Transmitter
SN65LVDS304 TI-SN65LVDS304 Datasheet
1Mb / 38P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS308 TI-SN65LVDS308 Datasheet
1Mb / 37P
[Old version datasheet]   PROGRAMMABLE 27-BIT PARALLEL-TO-SERIAL RECEIVER
SN65LVDS306 TI-SN65LVDS306 Datasheet
1Mb / 31P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
SN65LVDS302 TI-SN65LVDS302_07 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 27-BIT SERIAL-TO-PARALLEL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com