Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4949TL Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4949TL
Description  Stereo Class D Audio Subsystem with OCL Headphone Amplifier
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4949TL Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4949TL Datasheet HTML 1Page - National Semiconductor (TI) LM4949TL Datasheet HTML 2Page - National Semiconductor (TI) LM4949TL Datasheet HTML 3Page - National Semiconductor (TI) LM4949TL Datasheet HTML 4Page - National Semiconductor (TI) LM4949TL Datasheet HTML 5Page - National Semiconductor (TI) LM4949TL Datasheet HTML 6Page - National Semiconductor (TI) LM4949TL Datasheet HTML 7Page - National Semiconductor (TI) LM4949TL Datasheet HTML 8Page - National Semiconductor (TI) LM4949TL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
Electrical Characteristics V
DD = 3.0V (Notes 1, 2) The following specifications apply for AV = 0dB,
RL(SP) =15µH+8
Ω + 15µH, R
L(HP) =32
Ω, f = 1kHz unless otherwise specified. Limits apply for T
A = 25˚C. (Continued)
Symbol
Parameter
Conditions
LM4949
Units
(Limits)
Typical
Limit
(Note 6)
(Notes 7, 8)
THD+N
Total Harmonic Distortion + Noise
Differential Mode, f = 1kHz
HP Mode, R
L =16
Ω,P
OUT = 35mW
OCL
CC
0.015
0.012
%
%
HP Mode, R
L =32
Ω,P
OUT = 20mW
OCL
CC
0.017
0.018
%
%
LS Mode
R
L =4
Ω,P
OUT = 300mW
R
L =8
Ω,P
OUT = 150mW
0.023
0.02
%
%
THD+N
Total Harmonic Distortion + Noise
Single-Ended Input Mode, f = 1kHz
HP Mode, R
L =16
Ω,P
OUT = 35mW
OCL
CC
0.023
0.017
%
%
HP Mode, R
L =32
Ω,P
OUT = 20mW
OCL
CC
0.019
0.013
%
%
LS Mode
R
L =4
Ω,P
OUT = 300mW
R
L =8
Ω,P
OUT = 150mW
0.05
0.03
%
%
e
N
Noise
Differential Input, A-weighted, Input Referred
Mono Input
OCL
CC
LS
16.4
15.5
43
µV
µV
µV
All Inputs ON
OCL
CC
LS
29.8
29.2
46.6
µV
µV
µV
Single-Ended Input, A-weighted, Input Referred
Stereo Input
OCL
CC
LA
12
11
45
µV
µV
µV
All Inputs ON
OCL
CC
LS
23.7
22.9
52
µV
µV
µV
η
Efficiency
LS Mode, P
OUT = 400mW, RL =8
85.3
%
Xtalk
Crosstalk
LS Mode, f = 1kHz, R
L =8
Ω,V
IN =1VP-P
Differential Input Mode
84.7
dB
OCL HP Mode, f = 1kHz, R
L =32
Ω,V
IN =1VP-P
Differential Input Mode
68
dB
T
ON
Turn on Time
CC Mode
OCL Mode
LS Mode
68
14
29
ms
ms
ms
T
OFF
Turn off Time
From any mode
683
ms
www.national.com
5


Similar Part No. - LM4949TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM494 NSC-LM494 Datasheet
159Kb / 8P
   Pulse Width Modulated Control Circuit
LM4940 NSC-LM4940 Datasheet
1Mb / 14P
   6W Streo Audio Power Amplifier
logo
Texas Instruments
LM4940 TI1-LM4940 Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TS/NOPB TI1-LM4940TS/NOPB Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
LM4940TSX TI1-LM4940TSX Datasheet
1Mb / 23P
[Old version datasheet]   6W Stereo Audio Power Amplifier
More results

Similar Description - LM4949TL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4947 NSC-LM4947 Datasheet
1Mb / 32P
   Mono Class D and Stereo Audio Subsystem with OCL Headphone Amplifier and National 3D
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Texas Instruments
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
logo
Maxim Integrated Produc...
MAX9775 MAXIM-MAX9775 Datasheet
556Kb / 37P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 1; 7/07
MAX9775 MAXIM-MAX9775_V01 Datasheet
658Kb / 38P
   2 x 1.5W, Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-0746; Rev 4; 8/08
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Texas Instruments
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com