Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A12503MNZQ Datasheet(PDF) 5 Page - ITT Industries

Part # A12503MNZQ
Description  1-4 Pole Rotary Switches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A12503MNZQ Datasheet(HTML) 5 Page - ITT Industries

  A12503MNZQ Datasheet HTML 1Page - ITT Industries A12503MNZQ Datasheet HTML 2Page - ITT Industries A12503MNZQ Datasheet HTML 3Page - ITT Industries A12503MNZQ Datasheet HTML 4Page - ITT Industries A12503MNZQ Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
L–7
L
C&K A Series
1-4 Pole Rotary Switches
FUNCTION
AVAILABLE HARDWARE
SPLASHPROOF
BUSHING SEAL
(FIG. 1)
(FIG. 2)
(FIG. 3)
REMOVABLE CLIP
LOCATING
TAB
STANDOFF
K EPOXY & SPLASHPROOF BUSHING SEAL
F SPLASHPROOF BUSHING SEAL
NONE NO SEAL
E
EPOXY SEAL
Stop ring
PART NO.
767B00201
Material: Brass
Finish: Nickel plated
Setting Stops on A112 and A125 Models
The number of switch positions is adjustable on A112
and A125 models only by means of a stop ring provided
with each switch. The number of positions is pre-set on
all other models and the stop ring is factory installed.
Soldering
1. Insert switch base only into PC board.
2. Do not bend terminals.
3. Wave soldering recommended at
500F solder temperature.
4. Hand solder at 500F, 10 sec.
max./terminal.
Switch Assembly
1. Hold housing/shaft assembly by housing. Remove
protective cap by squeezing tabs and discard. (FIG. 1)
2. Do not push on switch shaft. Detent mechanism will
come apart.
3. While holding switch housing, align locating tab on
base with notch on housing and engage 4 housing
latches in slots on base. (FIG. 2)
4. Push firmly on housing until latches snap in place.
5. Remove clip from shaft and discard. Assembly is
complete. (FIG. 3)
Cleaning
1. Flux clean using vapor degreaser and forced
rinse or triple bath method.
2. Do not allow switch base to ‘trap’ fluids.
3. Freon TMC, TF or Methylene Chloride give
excellent results.
To set stops: Turn shaft fully counter-clockwise and
insert stop ring tab in desired hole. Install lockwasher
and nut to retain stop ring for both PC and panel
mounting. Switch without stop ring has 12 positions.
Soldering, Cleaning and Assembly Instructions for ‘MC’ Termination Option
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com


Similar Part No. - A12503MNZQ

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1250 ALLEGRO-A1250 Datasheet
365Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250 ALLEGRO-A1250 Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
364Kb / 12P
   Hall Effect Latch / Bipolar Switch
A1250LLHLT-T ALLEGRO-A1250LLHLT-T Datasheet
950Kb / 12P
   Hall-Effect Latch / Bipolar Switch
More results

Similar Description - A12503MNZQ

ManufacturerPart #DatasheetDescription
logo
C&K Components
A12515RNCQ CK-COMPONENTS-A12515RNCQ Datasheet
299Kb / 5P
   1-4 Pole Rotary Switches
A10415RNCQ CK-COMPONENTS-A10415RNCQ Datasheet
310Kb / 5P
   1-4 Pole Rotary Switches
A10015RNZQE CK-COMPONENTS-A10015RNZQE Datasheet
272Kb / 5P
   1-4 Pole Rotary Switches
A CK-COMPONENTS-A Datasheet
581Kb / 5P
   1-4 Pole Rotary Switches
2021
A114132A1NCRQ CK-COMPONENTS-A114132A1NCRQ Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
767B00201 CK-COMPONENTS-767B00201 Datasheet
1Mb / 5P
   A Series 1-4 Pole Rotary Switches
RTBV CK-COMPONENTS-RTBV Datasheet
395Kb / 6P
   1-2 Pole Coded Rotary Switches
logo
ITT Industries
RBP-12112SNFS ITT-RBP-12112SNFS Datasheet
407Kb / 4P
   1-6 Pole Miniature Rotary Switches
RTBH ITT-RTBH Datasheet
361Kb / 6P
   1-2 Pole Coded Rotary Switches
RTBV ITT-RTBV Datasheet
409Kb / 6P
   1-2 Pole Coded Rotary Switches
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com