Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF4M16-150DTC5 Datasheet(PDF) 11 Page - White Electronic Designs Corporation

Part # WF4M16-150DTC5
Description  2x2Mx16 5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M16-150DTC5 Datasheet(HTML) 11 Page - White Electronic Designs Corporation

Back Button WF4M16-150DTC5 Datasheet HTML 3Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 4Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 5Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 6Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 7Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 8Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 9Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 10Page - White Electronic Designs Corporation WF4M16-150DTC5 Datasheet HTML 11Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WF4M16-XDTX5
ORDERING INFORMATION
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
VPP PROGRAMMING VOLTAGE
5 = 5 V
DEVICE GRADE:
M = Military, 883 Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE TYPE:
DT = 56 Lead Dual Cavity CSOP (Package 213)
fits standard 56 SSOP footprint
ACCESS TIME (ns)
ORGANIZATION, 2M x 16
User configurable as 4 x 2M x 8
Flash
WHITE ELECTRONIC DESIGNS CORP.
W F 4M16 - XXX DT X 5 X


Similar Part No. - WF4M16-150DTC5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M32-100G2TC5 WEDC-WF4M32-100G2TC5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TC5A WEDC-WF4M32-100G2TC5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5 WEDC-WF4M32-100G2TI5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5A WEDC-WF4M32-100G2TI5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TM5 WEDC-WF4M32-100G2TM5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
More results

Similar Description - WF4M16-150DTC5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com