Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF128K16-90CQ5 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # WF128K16-90CQ5
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF128K16-90CQ5 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button WF128K16-90CQ5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 9Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 10Page - List of Unclassifed Manufacturers WF128K16-90CQ5 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
11
WF128K16, WF256K16-XCX5
ORDERING INFORMATION
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
VPP PROGRAMMING VOLTAGE
5 = 5V
DEVICE GRADE:
Q = Compliant
M = Military Screened
-55
°C to 125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0 to +70
°C
PACKAGE TYPE:
C = 40 Pin Ceramic 0.600" DIP (Package 303)
ACCESS TIME (ns)
ORGANIZATION, 128K x 16 or 256K x 16
Flash PROM
WHITE MICROELECTRONICS
W F XXXK16 - XXX C X 5 X
PACKAGE 303: 40 PIN, CERAMIC DIP, SINGLE CAVITY SIDE BRAZED
51.3 (2.020)
± 0.5 (0.020)
15.1 (0.595)
± 0.25 (0.010)
3.2 (0.125) MIN
7.2 (0.285)
± 0.8 (0.030)
0.94 (0.037)
± 0.25 (0.010)
0.25 (0.010)
± 0.05 (0.002)
0.5 (0.018)
± 0.05 (0.002)
1.27 (0.050)
± 0.1 (0.005)
2.5 (0.100)
TYP
15.25 (0.600)
± 0.25 (0.010)
PIN 1 IDENTIFIER
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES


Similar Part No. - WF128K16-90CQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5 WEDC-WF128K32N-050G2LC5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LC5A WEDC-WF128K32N-050G2LC5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5 WEDC-WF128K32N-050G2LI5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF128K32N-050G2LI5A WEDC-WF128K32N-050G2LI5A Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
More results

Similar Description - WF128K16-90CQ5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com