Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF4M16-90DTM5A Datasheet(PDF) 1 Page - White Electronic Designs Corporation

Part # WF4M16-90DTM5A
Description  2x2Mx16 5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M16-90DTM5A Datasheet(HTML) 1 Page - White Electronic Designs Corporation

  WF4M16-90DTM5A Datasheet HTML 1Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 2Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 3Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 4Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 5Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 6Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 7Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 8Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
HI-RELIABILITY PRODUCT
WF4M16-XDTX5
November 1999 Rev.3
2x2Mx16 5V FLASH MODULE ADVANCED*
s Data Polling and Toggle Bit feature for detection of program
or erase cycle completion.
s Supports reading or programming data to a sector not being
erased.
s Built-in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation, Separate Power and Ground Planes to
improve noise immunity
s RESET pin resets internal state machine to the read mode.
s Ready/Busy (RY/BY) output for direction of program or erase
cycle completion.
*
This data sheet describes a product that may or may not be under
development and is subject to change or cancellation without notice.
Note: For programming information refer to Flash Programming 16M5
Application Note.
FEATURES
s Access Time of 90, 120, 150ns
s Packaging:
• 56 Lead, Hermetic Ceramic, 0.520" CSOP (Package 213).
Fits standard 56 SSOP footprint.
s Sector Architecture
• 32 equal size sectors of 64KBytes per each 2Mx8 chip
• Any combination of sectors can be erased. Also supports
full chip erase.
s Minimum 100,000 Write/Erase Cycles Minimum
s Organized as two banks of 2Mx16; User Configurable as
4 x 2Mx8
s Commercial, Industrial, and Military Temperature Ranges
s 5 Volt Read and Write. 5V
± 10% Supply.
s Low Power CMOS
FIG. 1 PIN CONFIGURATION FOR WF4M16-XDTX5
BLOCK DIAGRAM
TOP VIEW
56 CSOP
PIN DESCRIPTION
I/O0-15
Data Inputs/Outputs
A0-20
Address Inputs
WE
Write Enable
CS1-4
Chip Selects
OE
Output Enable
VCC
Power Supply
GND
Ground
RY/BY
Ready/Busy
RESET
Reset
I/O 0-7
CS1
I/O 8-15
CS2
CS3
CS4
A 0-20
OE
WE
RY/BY
RESET
2M x 8
2M x 8
2M x 8
2M x 8
NOTE:
1. RY/BY is an open drain output and should be pulled-up to Vcc with an
external resistor.
2. CS1 and CS3 control the same data bus. Reads cannot be done with CS1
and CS3 both active. CS2 and CS4 control the same data bus. Reads
cannot be done with CS2 and CS4 both active.
3. Address compatible with Intel 2M8 56 SSOP.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
CS1
A12
A13
A14
A15
NC
CS2
NC
A20
A19
A18
A17
A16
VCC
GND
I/O6
I/O14
I/O7
I/O15
RY/BY
OE
WE
NC
I/O13
I/O5
I/O12
I/O4
VCC
NC
RESET
A11
A10
A9
A1
A2
A3
A4
A5
A6
A7
GND
A8
VCC
I/O9
I/O1
I/O8
I/O0
A0
NC
CS3
CS4
I/O2
I/O10
I/O3
I/O11
GND


Similar Part No. - WF4M16-90DTM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M32-100G2TC5 WEDC-WF4M32-100G2TC5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TC5A WEDC-WF4M32-100G2TC5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5 WEDC-WF4M32-100G2TI5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5A WEDC-WF4M32-100G2TI5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TM5 WEDC-WF4M32-100G2TM5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
More results

Similar Description - WF4M16-90DTM5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com