Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF4M16-90DTM5A Datasheet(PDF) 3 Page - White Electronic Designs Corporation

Part # WF4M16-90DTM5A
Description  2x2Mx16 5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

WF4M16-90DTM5A Datasheet(HTML) 3 Page - White Electronic Designs Corporation

  WF4M16-90DTM5A Datasheet HTML 1Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 2Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 3Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 4Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 5Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 6Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 7Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 8Page - White Electronic Designs Corporation WF4M16-90DTM5A Datasheet HTML 9Page - White Electronic Designs Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
White Electronic Designs Corporation • (602) 437-1520 • www.whiteedc.com
WF4M16-XDTX5
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS - WE CONTROLLED
(VCC = 5.0V, TA = -55
°C to +125°C)
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
90
120
150
ns
Chip Select Setup Time
tELWL
tCS
00
0
ns
Write Enable Pulse Width
tWLWH
tWP
45
50
50
ns
Address Setup Time
tAVWL
tAS
00
0
ns
Data Setup Time
tDVWH
tDS
45
50
50
ns
Data Hold Time
tWHDX
tDH
00
0
ns
Address Hold Time
tWLAX
tAH
45
50
50
ns
Write Enable Pulse Width High
tWHWL
tWPH
20
20
20
ns
Duration of Byte Programming Operation (1)
tWHWH1
300
300
300
µs
Sector Erase (2)
tWHWH2
15
15
15
sec
Read Recovery Time before Write
tGHWL
00
0
µs
VCC Setup Time
tVCS
50
50
50
µs
Chip Programming Time
44
44
44
sec
Chip Erase Time (3)
256
256
256
sec
Output Enable Hold Time (4)
tOEH
10
10
10
ns
NOTES:
1. Typical value for tWHWH1 is 7
µs.
2. Typical value for tWHWH2 is 1sec.
3. Typical value for Chip Erase Time is 32sec.
4. For Toggle and Data Polling.
AC CHARACTERISTICS – READ-ONLY OPERATIONS
(VCC = 5.0V, TA = -55
°C to +125°C)
Parameter
Symbol
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max
Read Cycle Time
tAVAV
tRC
90
120
150
ns
Address Access Time
tAVQV
tACC
90
120
150
ns
Chip Select Access Time
tELQV
tCE
90
120
150
ns
Output Enable to Output Valid
tGLQV
tOE
40
50
55
ns
Chip Select High to Output High Z (1)
tEHQZ
tDF
20
30
35
ns
Output Enable High to Output High Z (1)
tGHQZ
tDF
20
30
35
ns
Output Hold from Addresses, CS or OE Change,
tAXQX
tOH
000
ns
whichever is First
1. Guaranteed by design, not tested.


Similar Part No. - WF4M16-90DTM5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF4M32-100G2TC5 WEDC-WF4M32-100G2TC5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TC5A WEDC-WF4M32-100G2TC5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5 WEDC-WF4M32-100G2TI5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TI5A WEDC-WF4M32-100G2TI5A Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF4M32-100G2TM5 WEDC-WF4M32-100G2TM5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
More results

Similar Description - WF4M16-90DTM5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com