Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BKAC2A234MAB40001 Datasheet(PDF) 2 Page - ITT Industries

Part # BKAC2A234MAB40001
Description  ARINC 600
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

BKAC2A234MAB40001 Datasheet(HTML) 2 Page - ITT Industries

  BKAC2A234MAB40001 Datasheet HTML 1Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 2Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 3Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 4Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 5Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 6Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 7Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 8Page - ITT Industries BKAC2A234MAB40001 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
* = For Polarizing Position greater then 99, add third digit.
www.ittcannon.com
3
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
ARINC 600
BKAD/E/F
CONNECTOR SERIES
CLASS
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
BOEING COAX MODIFIER
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
POLARIZING POSITION
MODIFIER (Contact, Finish, Material)
How to Order
BKA
D
2
A234
M
*
3
00
01 *
F0
CONNECTOR SERIES
BOEING COAX MODIFIER
SHELL STYLE
CONNECTOR MOUNTING MODIFIER
CLASS
Non-environmental (rear release, crimp
contacts)
Environmental (rear release, crimp con-
tacts)
Non-environmental (front release, solder
and wrap post
#22 contact, rear release
all others)
Same as E, except uses
BKAD shells, and
Less
0 rings on plug side.
Environmental (0-ring is used to seal
between connector shell and insulators)
with rear release, crimp contacts.
Non-environmental connector using fil-
tered contacts (reference Cannon Phoe-
nix)
Max. contact capacity -
125
Max. contact capacity -
400
Max. contact capacity -
800
Connector contains modified
71W1 or
2W2 insert (four MTG screw hole loca-
tions and coaxial contact used in this
insert are interchangeable between dif-
ferent manufacturers
Plug (rack side)
Receptacle (box side)
Standard design, .148 dia. holes
With #6-32 ESNA (#12 NCFMA2-62) clinch
nuts (see chart)
Size 1 receptacle only - less 3 printed circuit
board mounting lugs
With #4-40 ESNA (#22 NCFMA2-40) clinch
nuts (see chart)
Size 2 and 3 plug and receptacle only - with
#4-40 ESNA (#22 NCFMA2-40) clinch nuts
(all mounting holes)
Size 2 and 3 plug and receptacle only - with
#6-32 ESNA (#12 NCFMA2-62) clinch nuts
(all mounting holes)
Same as - 00 mounting modification except
with nickel finished shells .0008 - .0012 thick
with EMI grounding spring for plug shells and
supplied with non-environmental inserts.
Same as - 00 mounting modification except
with nickel finished shells .0008 - .0012 thick
with EMI grounding spring for plug shells and
supplied with environmental inserts not potted
into shell.
With floating eyelets (.048 min. radial float)
4 corner holes per connector.
Consult factory if other modifications are required
SHELL SIZE
CONNECTOR LAYOUT DESCRIPTION
SIZE 1 COAX INSERT MODIFIER
NOTE: A dash must be inserted whenever code does not apply.
D
BKA (Per ARINC 600)
E
F
C
S
T
3 -
4 -
00 -
01 -
02 -
03 -
08 -
09 -
16 -
17 -
23 -
M
1
2
3
(See page 4)
-
-
-
-
-
-
-
-
-
-
Boeing
Coax
Code
Connector
Size
1
2
3
4
4
8
4
6
10
Number of Clinch Nuts
Plug
Receptacle
ITTC
Code
Plug Connector
Receptacle Connector
ITTC Coax Contacts Supplied
AA
AB
AC
AD
AE
AF
Blank
B
C
D
E
F
No Coax Supplied
349-0013-000
349-0015-000
349-0013-000
349-0017-000
349-0015-000
349-0018-000
349-0015-000
349-0017-000
No Coax Supplied
349-0014-000
349-0016-000
349-0014-000
349-0002-000
349-0016-000
349-0004-000
349-0016-000
349-0002-000


Similar Part No. - BKAC2A234MAB40001

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
BKA400AA10 SANREX-BKA400AA10 Datasheet
192Kb / 2P
   SCHOTTKY BARRIER DIODE MODULE
logo
Cooper Bussmann, Inc.
BKABC-20-R COOPER-BKABC-20-R Datasheet
210Kb / 2P
   1????x 1 1????Glass Tube Fuses ABC Series, Fast-Acting, Ceramic Tube
logo
ITT Industries
BKAD1A234MAA30001FO ITT-BKAD1A234MAA30001FO Datasheet
8Mb / 386P
   Military/Aerospace
BKAD1A234MAA30101FO ITT-BKAD1A234MAA30101FO Datasheet
8Mb / 386P
   Military/Aerospace
BKAD1A234MAA40001FO ITT-BKAD1A234MAA40001FO Datasheet
8Mb / 386P
   Military/Aerospace
More results

Similar Description - BKAC2A234MAB40001

ManufacturerPart #DatasheetDescription
logo
ITT Industries
025-1124-001 ITT-025-1124-001 Datasheet
688Kb / 19P
   ARINC 600
030-2259-000 ITT-030-2259-000 Datasheet
688Kb / 19P
   ARINC 600
031-1287-000 ITT-031-1287-000 Datasheet
688Kb / 19P
   ARINC 600 BKAD/E/F
SGA ITT-SGA Datasheet
124Kb / 4P
   ARINC 600 Rack and Panel Connectors
logo
Tyco Electronics
208273-4 MACOM-208273-4 Datasheet
75Kb / 1P
   SOCKET CONTACT ASSY, SIZE 12,ARINC 600
logo
ITT Industries
TBKA ITT-TBKA Datasheet
141Kb / 2P
   Filter; ARINC Series 600 Standard, Rack & Panel
logo
Tyco Electronics
208268-3 MACOM-208268-3 Datasheet
83Kb / 1P
   PIN CONTACT, SIZE 16 ARINC 600 TYPE
logo
Glenair, Inc.
240-050-3P01X GLENAIR-240-050-3P01X Datasheet
647Kb / 2P
   ARINC 600 Class A Size 3 Filter Receptacle
logo
List of Unclassifed Man...
L0122 ETC2-L0122 Datasheet
350Kb / 2P
   SIZE 1, ARINC 600, RF CONNECTOR FOR ECS CABLE 310801
P522 ETC2-P522 Datasheet
116Kb / 1P
   SIZE 5 ARINC 600 RF CONNECTOR FOR ECS CABLE 432101
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com