Electronic Components Datasheet Search |
|
DCNE-37P-L2-E03-A190 Datasheet(PDF) 2 Page - ITT Industries |
|
DCNE-37P-L2-E03-A190 Datasheet(HTML) 2 Page - ITT Industries |
2 / 7 page www.ittcannon.com Dimensions are shown in mm Dimensions subject to change Eurostyle D Subminiature Connectors 2 Cannon Technical Data Materials and Finishes Shell Steel, tin plated Insulator Thermoplastic, UL 94V-0 Contacts Copper alloy, gold over nickel plated Boardlock / Grounding Insert Brass, tin plated Threaded insert Steel, tin plated Electrical Data Current rating 5 A / 25 °C, 3,5 A / 70°C ambient temperature Test voltage 1000 V ac rms at sea level Insulation resistance 5 G Ω min. Contact resistance 25 m Ω Mechanical Data Polarizing Keystone shaped front shell Number of contacts 9, 15, 25 and 37 Termination method Solder pin 90 ° Eurostyle acc. CECC 75301802 Performance class 3 (Standard) 50 mating cycles (without code) Performance class 2 200 mating cycles (code -A191) Performance class 1 500 mating cycles (code -A190) Operating temperature - 55 °C to 125°C Introduction The D Subminiature Eurostyle connector is a product line extension of the well known D Subminiature family originally invented by ITT Industries, Cannon. It is a special low profile 90 ° solder pin connector acc. to the CECC75 301 802 European specification. It replaces the D* version with the code 1AEN which was not 100% in line with above mentioned specification. Meets European Eurostyle specification CECC75 301 802 Available in all common layouts (9, 15, 25, 37-way), male and female Available in Performance Classes 1, 2 and 3 according to DIN 41652 Clinch nut with M3 or4-40 UNC thread Jack Post with M3 or 4-40 UNC thread Product features Introduction The main applications will be found in industrial as well as in telecommunication equipment. The major advantage for the end user is to achieve additional space due to the low profile configuration. The D Subminiature Eurostyle connectors are fully mateable with all standard D Subminiature connectors according to DIN 41652. |
Similar Part No. - DCNE-37P-L2-E03-A190 |
|
Similar Description - DCNE-37P-L2-E03-A190 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |