Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF256K16-120CM5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WF256K16-120CM5
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF256K16-120CM5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WF256K16-120CM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 2Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 3Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 4Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 5Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 6Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 7Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 8Page - List of Unclassifed Manufacturers WF256K16-120CM5 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
1
WF128K16, WF256K16-XCX5
FEATURES
s Access Times of 50, 60, 70, 90, 120 and 150ns
s 40 pin Ceramic DIP (Package 303)
s Organized as 128Kx16 and 256Kx16
s Sector Architecture
• 8 equal size sectors of 16KBytes each per chip
• Any combination of sectors can be concurrently erased.
Also supports full chip erase
s 100,000 Erase/Program Cycles Minimum (0
°C to 70°C)
s Data Retention, 10 Years at 125
°C
s Commercial, Industrial and Military Temperature Ranges
5V FLASH MODULE
PRELIMINARY *
s 5 Volt Programming; 5V
±10% Supply
s Low Power CMOS
s Embedded Erase and Program Algorithms
s TTL Compatible Inputs and CMOS Outputs
s Built-in Decoupling Caps and Multiple Ground Pins for Low
Noise Operation
s Page Program Operation and Internal Program Control Time
* This data sheet describes a product under development, not fully
characterized, and is subject to change without notice.
Note: Programming information available upon request.
FIG. 1 PIN CONFIGURATION AND BLOCK DIAGRAM
A0-16
Address Inputs
I/O0-15
Data Input/Output
CS1-2
Chip Selects
OE
Output Enable
WE
Write Enable
VCC
+5.0V Power
GND
Ground
PIN DESCRIPTION
128K x 8
128K x 8
A 0-16
OE
WE
CS 1
CS 2
128K x 8
128K x 8
I/O 8-15
I/O 0-7
(1)
(1)
NOTE:
1. CS1 and CS2 are used to select the lower and upper 128Kx16 of the
device. CS1 and CS2 must not be enabled at the same time.
BLOCK DIAGRAM
FOR WF256K16-XCX5
BLOCK DIAGRAM
FOR WF128K16-XCX5
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
CS2*/NC
CS1
I/O15
I/O14
I/O13
I/O12
I/O11
I/O10
I/O9
I/O8
GND
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
OE
VCC
WE
A16
A15
A14
A13
A12
A11
A10
A9
GND
A8
A7
A6
A5
A4
A3
A2
A1
A0
128K x 8
A 0-16
OE
WE
CS 1
128K x 8
I/O 8-15
I/O 0-7
* CS2 for 256Kx16 and NC for 128Kx16
October 1998


Similar Part No. - WF256K16-120CM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF256K32-120G4WC5 ETC1-WF256K32-120G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WI5 ETC1-WF256K32-120G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WM5 ETC1-WF256K32-120G4WM5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WC5 ETC1-WF256K32-150G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WI5 ETC1-WF256K32-150G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results

Similar Description - WF256K16-120CM5

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com