Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF512K16-120G4WM5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WF512K16-120G4WM5
Description  128Kx64 5V FLASH MODULE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF512K16-120G4WM5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WF512K16-120G4WM5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Page 27
Pin Connections
PIN NO.
SYMBOL
LEVEL
FUNCTION
DATA CONNECTOR
1
FRAME
H
First Line Marker
2
LOAD
H/L
Data Latch
3
CP
H/L
Data shift
4
DISPOFF
H/L
H=On, L=Off
5
VDD
5V
Power supply for logic
6
VSS
0V
Ground
7
VL
-
Operating voltage for LC
8 - 11
D0 - D3
H/L
Data Bus
12 - 15
D4 - D7
-
No Connection
16
VSS
0V
Ground
CCFL CONNECTOR
1
VCFL
-
Power supply for CCFL
2
NC
-
No Connection
3
NC
-
No Connection
4
VCFL
-
CCFL Ground
Electrical Characteristics (VDD=5.0±0.25V, Ta=25°C)
PARAMETER
SYM
CONDITION
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE
VDD
-
4.75
5.0
5.25
V
VLCD
-
22.1
22.5
22.9
V
SUPPLY CURRENT
IDD
FLM=70 Hz
vLCD=22.5V
-
0.6
0.9
mA
ILCD
-
6.0
10.4
mA
CCFL OP. VOLTAGE
VFL
-
-
260
-
Vrms
CCFL OP. CURRENT
IFL
-
2
5
6
mA
CCFL OP. FREQUENCY
FL
-
20
35
50
KhZ
DRIVE METHOD
1/240 DUTY
Features
Backlight............................................................................CCFL
Options............................................STN/Black and White FSTN
Normal/Extended Temperature
Bottom / Top Viewing
Built-in Controller................................................................None
Features
Physical Data
Module Size.....................................168.0W x 111.0H x 9.0T mm
Viewing Area Size.........................................120.0W x 90.0H mm
Dot Pitch.........................................................0.36W x 0.36H mm
Dot Size......................................................0.345W x 0.345H mm
Weight..................................................................................230g
Absolute Maximum Ratings
PARAMETER
SYMBOL
MIN
MAX
UNIT
SUPPLY VOLTAGE
VDD-VSS
-0.3
7.0
V
SUPPLY VOLTAGE FOR LCD
VEE-VSS
0
30.0
V
INPUT VOLTAGE
VIN
-0.3
VDD
V
OPERATING TEMPERATURE
TOP
0
50
°C
STORAGE TEMPERATURE
TSTG
-20
70
°C
Dimension tolerance: +/-0.3mm
Dimensional Drawing
320 X 240 Dots Graphic CCFL Backlight w/Touch Screen
0.015
0.345
VDD
VL
VSS
L
C
M
+
+
RH
RL
5V
27V
RH+RL = 10 ~ 20KΩ
Power Supply
HDM3224TS-2
CONNECTOR INFORMATION:
1
INTERFACE CONNECTOR
FFC, N16, P1.0 (Thickness 0.3)
2
CCFT CONNECTOR
M63M83-04 (MITSUMI)
1
4
115.17 (ACTIVE AREA)
120.0 (BEZEL OPENING)
1
16
4.0±1.0
8.0±2.0
124±10
2-R1.75
CENTER OF
ACTIVE AREA
77.0
66.0
152.0
82.0
73.5
168.0 MAX
2-Ø3.5
60±15
M63M83-04
(MITSUMI)
CONDUCTOR
MATING : MOLEX 52201-1690
MATING : M60-04-30-134P or
Touch Panel Connector
PIN
SYM
PIN
SYM
PIN
SYM
PIN
SYM
PIN
SYM
1
N.C
5
C7
9
R2
13
R6
17
C2
2
C10
6
C6
10
R3
14
R7
18
C3
3
C9
7
N.C.
11
R4
15
N.C.
19
C4
4
C8
8
R1
12
R5
16
C1
20
C5
Touch Panel Connector
1
20
6.0
10.0
225.0±5.0
MATING : MOLEX 52271-2090
3
TOUCH PANEL CONNECTOR
M60-04-30-114P or
M61M73-04


Similar Part No. - WF512K16-120G4WM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
White Electronic Design...
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32F-120G1UC5 ETC1-WF512K32F-120G1UC5 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32F-120G1UC5A ETC1-WF512K32F-120G1UC5A Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
WF512K32F-120G1UI5 ETC1-WF512K32F-120G1UI5 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results

Similar Description - WF512K16-120G4WM5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF128K16 ETC1-WF128K16 Datasheet
189Kb / 11P
   5V FLASH MODULE
WS128K64V-XG4WX ETC1-WS128K64V-XG4WX Datasheet
152Kb / 5P
   128Kx64 3.3V SRAM MODULE
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com