Electronic Components Datasheet Search |
|
A121122A2NZNQE Datasheet(PDF) 5 Page - ITT Industries |
|
A121122A2NZNQE Datasheet(HTML) 5 Page - ITT Industries |
5 / 5 page M M–38 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com CONTACT MATERIAL SEAL AVAILABLE HARDWARE E EPOXY SEAL NONE NO SEAL Switch and Lock Assembly Instructions Mounting Information (All Models) 1. Place lock assembly in mounting hole on panel, secure with mounting nut. 2. Align keying tab on switch assembly with keying slot on lock assembly. 3. Snap assemblies together. 4. Switch installation is permanent. Switch cannot be removed from lock after assembly. Attempting to separate switch and lock may cause damage to switchlock. 1 MOVABLE CONTACT: Copper alloy, with gold plate over nickel plate. STATIONARY CONTACTS & TERMINALS: Brass, with gold plate over nickel plate. 2 MOVABLE CONTACT: Coin silver, silver plated. STATIONARY CONTACTS & TERMINALS: Brass, silver plated (standard with all termination options). All models with all options when ordered with ‘Q’ contact material. Key Code: A126 4 TUMBLER PART NO. (ONE KEY) 115140126 Material: Brass Finish: Nickel plate Key Code: D001 5 TUMBLER PART NO. (ONE KEY) 115441001 Material: Brass Finish: Nickel plate .215 (5,46) max. .125 (3,18) max. R .195 (4,95) max. .105 (2,67) max. N PANEL THICKNESS A & Y LOCK TYPES G LOCK TYPES MOUNTING STYLES • • • R • • • • N LOCK TYPES GA Y LOCK FINISHES 12 8 MOUNTING STYLES AVAILABLE OPTION COMBINATIONS C&K A Series 4 & 5 Tumbler 1-4 Pole Switchlocks MOUNTING/LOCK STYLE * Note: See Technical Data section of this catalog for RoHS compliant and compatible definitions and specifications. CONTACT AND OPTION CODE TERMINAL MATERIAL RATING Q SWITCH-2.5 AMPS @ 125 V AC; 350 mA @ 125 V DC (UL/CSA). LOW LEVEL/DRY CIRCUIT B SILVER 2 POWER 0.4 VA MAX. @ 20 V AC or DC MAX. RoHS COMPLIANT* RoHS COMPATIBLE* YES YES YES YES GOLD 1 CARRY-5 AMPS CONTINUOUS. |
Similar Part No. - A121122A2NZNQE |
|
Similar Description - A121122A2NZNQE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |