Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AJ3OX12Y4NAO30PW1C2S1J5 Datasheet(PDF) 3 Page - ITT Industries

Part # AJ3OX12Y4NAO30PW1C2S1J5
Description  AJ3 Joystick for Heavy Duty Applications
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

AJ3OX12Y4NAO30PW1C2S1J5 Datasheet(HTML) 3 Page - ITT Industries

  AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 1Page - ITT Industries AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 2Page - ITT Industries AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 3Page - ITT Industries AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 4Page - ITT Industries AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 5Page - ITT Industries AJ3OX12Y4NAO30PW1C2S1J5 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
www.ittcannon.com
E-8
AJ3 Joystick – MFGS233 Grip
Color
Signal
V01
V04
V08
WH
V supply
8...30V dc
12.5V...30V dc
8...30V
BN
GND
GN
Output center position
0V/V supply
0V/V supply
0V/V supply
YE
Output X-Axis
0V...V supply-2.5 dc* 3V...9V dc
0.5V...4.5V dc
GY
Output Y-Axis
0V...V supply-2.5 dc* 3V...9V dc
0.5V...4.5V dc
Part
AJ3SX12Y12
V01 C2 S2J3
V04 C2 S2J3
V08 C2 S2J3
Wiring Information
*output will vary with supply voltage


Similar Part No. - AJ3OX12Y4NAO30PW1C2S1J5

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
AJ3 SENSATA-AJ3 Datasheet
330Kb / 4P
   JOYSTICK
logo
Knowles Electronics
AJ30 KNOWLES-AJ30 Datasheet
3Mb / 60P
   Introduction to Knowles Precision Devices
logo
List of Unclassifed Man...
AJ32C1 ETC2-AJ32C1 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
logo
Caliber Electronics Inc...
AJ32C1 CALIBER-AJ32C1 Datasheet
51Kb / 1P
   HC-49/U Microprocessor Crystal
logo
List of Unclassifed Man...
AJ32C3 ETC2-AJ32C3 Datasheet
46Kb / 1P
   HC-49/U Microprocessor Crystal
More results

Similar Description - AJ3OX12Y4NAO30PW1C2S1J5

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
P270 TTELEC-P270 Datasheet
859Kb / 6P
   Heavy duty applications
logo
AVX Corporation
VE24P00131K AVX-VE24P00131K Datasheet
325Kb / 15P
   VE/VF Types for Heavy Duty Applications (P Series)
logo
List of Unclassifed Man...
BU-23-2 ETC2-BU-23-2 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-4 ETC2-BU-23-4 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-9 ETC2-BU-23-9 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-5 ETC2-BU-23-5 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-6 ETC2-BU-23-6 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
BU-23-0 ETC2-BU-23-0 Datasheet
1Mb / 1P
   Insulator for Heavy Duty Clip
logo
Energizer
1251 ENERGIZER-1251 Datasheet
577Kb / 1P
   Heavy Duty Flashlight
1251L ENERGIZER-1251L Datasheet
228Kb / 1P
   Heavy Duty Flashlight
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com