Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WF256K16-90CQ5A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WF256K16-90CQ5A
Description  5V FLASH MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WF256K16-90CQ5A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WF256K16-90CQ5A Datasheet HTML 1Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 2Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 3Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 4Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 5Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 6Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 7Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 8Page - List of Unclassifed Manufacturers WF256K16-90CQ5A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
White Microelectronics • Phoenix, AZ • (602) 437-1520
7
5
WF128K16, WF256K16-XCX5
AC CHARACTERISTICS – WRITE/ERASE/PROGRAM OPERATIONS, CS CONTROLLED
(VCC = 5.0V, VSS = 0V, TA = -55
°C to +125°C)
Parameter
Symbol
-50
-60
-70
-90
-120
-150
Unit
Min
Max
Min
Max
Min
Max Min
Max
Min
Max
Min
Max
Write Cycle Time
tAVAV
tWC
50
60
70
90
120
150
ns
WE Setup Time
tWLEL
tWS
00
0
0
0
0
ns
CS Pulse Width
tELEH
tCP
25
30
35
45
50
50
ns
Address Setup Time
tAVEL
tAS
00
0
0
0
0
ns
Data Setup Time
tDVEH
tDS
25
30
30
45
50
50
ns
Data Hold Time
tEHDX
tDH
00
0
0
0
0
ns
Address Hold Time
tELAX
tAH
40
45
45
45
50
50
ns
WE Hold from WE High
tEHWH
tWH
00
0
0
0
0
ns
CS Pulse Width High
tEHEL
tCPH
20
20
20
20
20
20
ns
Duration of Programming Operation
tWHWH1
14
14
14
14
14
14
µs
Duration of Erase Operation
tWHWH2
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
2.2
60
sec
Read Recovery before Write
tGHEL
00
0
0
0
0
ns
Chip Programming Time
12.5
12.5
12.5
12.5
12.5
12.5
sec
FIG. 2
AC TEST CIRCUIT
NOTES:
VZ is programmable from -2V to +7V.
IOL & IOH programmable from 0 to 16mA.
Tester Impedance Z0 = 75
Ω.
VZ is typically the midpoint of VOH and VOL.
IOL & IOH are adjusted to simulate a typical resistive load circuit.
ATE tester includes jig capacitance.
AC TEST CONDITIONS
I
Current Source
D.U.T.
C
= 50 pf
eff
I
OL
V
1.5V
(Bipolar Supply)
Z
Current Source
OH
Parameter
Typ
Unit
Input Pulse Levels
VIL = 0, VIH = 3.0
V
Input Rise and Fall
5
ns
Input and Output Reference Level
1.5
V
Output Timing Reference Level
1.5
V


Similar Part No. - WF256K16-90CQ5A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF256K32-120G4WC5 ETC1-WF256K32-120G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WI5 ETC1-WF256K32-120G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-120G4WM5 ETC1-WF256K32-120G4WM5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WC5 ETC1-WF256K32-150G4WC5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
WF256K32-150G4WI5 ETC1-WF256K32-150G4WI5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
More results

Similar Description - WF256K16-90CQ5A

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WF2M32-XXX5 WEDC-WF2M32-XXX5 Datasheet
749Kb / 15P
   2Mx32 5V Flash Module
WF512K64-XG4WX5 WEDC-WF512K64-XG4WX5 Datasheet
210Kb / 10P
   512Kx64 5V FLASH MODULE
WEDF1M32B-XXX5 WEDC-WEDF1M32B-XXX5 Datasheet
341Kb / 8P
   1Mx32 5V Flash Module
WF4M16-XDTX5 WEDC-WF4M16-XDTX5 Datasheet
126Kb / 11P
   2x2Mx16 5V FLASH MODULE
WF8M32-XG4DX5 WEDC-WF8M32-XG4DX5 Datasheet
350Kb / 10P
   8Mx32 5V FLASH MODULE
logo
List of Unclassifed Man...
WF128K64-XG4WX5 ETC1-WF128K64-XG4WX5 Datasheet
35Kb / 1P
   128Kx64 5V FLASH MODULE
logo
White Electronic Design...
WF4M32-XXX5 WEDC-WF4M32-XXX5 Datasheet
309Kb / 15P
   4Mx32 5V FLASH MODULE
WF128K32-XXX5 WEDC-WF128K32-XXX5 Datasheet
420Kb / 15P
   128KX32 5V FLASH MODULE, SMD 5962-94716
WF512K32-XXX5 WEDC-WF512K32-XXX5 Datasheet
502Kb / 16P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
logo
List of Unclassifed Man...
WF512K32 ETC1-WF512K32 Datasheet
159Kb / 15P
   512Kx32 5V FLASH MODULE, SMD 5962-94612
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com