Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A215822G2SZNQE Datasheet(PDF) 3 Page - ITT Industries

Part # A215822G2SZNQE
Description  4 & 5 Tumbler 1-4 Pole Switchlocks
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

A215822G2SZNQE Datasheet(HTML) 3 Page - ITT Industries

  A215822G2SZNQE Datasheet HTML 1Page - ITT Industries A215822G2SZNQE Datasheet HTML 2Page - ITT Industries A215822G2SZNQE Datasheet HTML 3Page - ITT Industries A215822G2SZNQE Datasheet HTML 4Page - ITT Industries A215822G2SZNQE Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M
M–36
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K A Series
4 & 5 Tumbler 1-4 Pole Switchlocks
KEYING
LOCK TYPE
LOCK FINISH
SHORTING/NON-SHORTING
1.635 (41,52)
(4 TUMBLER)
1.733 (44,01)
(5 TUMBLER)
.798
(20,26)
.775
(19,68)
N
NON-SHORTING CONTACTS (break-before-make)
S
SHORTING CONTACTS (make-before-break)
2 STAINLESS STEEL
1
NICKEL
8
GLOSS BLACK
G
5 TUMBLER LOCK WITH ANTI-STATIC SWITCH
Y
4 TUMBLER LOCK WITH ANTI-STATIC SWITCH
A
4 TUMBLER LOCK WITH REMOVABLE DRESS NUT
NO
YES
2 NICKEL PLATED BRASS KEYS
2
CODE NO.
ON LOCK
CODE NO.
ON KEY
KEYING OPTIONS
OPTION
CODE
NOTE: All orders keyed alike, standard. For more than one key code, replacement keys,
or other special features, consult Customer Service Center.
Key part number: 115140126
Not available with AX23 models.
Not available with AX14 models.
NOTE: For available option combinations, see page M-38.
NOTE: For available option combinations, see page M-38.
Y
A
G
MOUNTING STYLES
N
R
LOCK
TYPES
AVAILABLE OPTION COMBINATIONS
••
8
2
1
MOUNTING
STYLES
NR
LOCK TYPES
GA
Y
FINISH
OPTIONS
AVAILABLE OPTION COMBINATIONS
NOTE: Key head shape subject to change without notice.


Similar Part No. - A215822G2SZNQE

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A2150-E OMRON-A2150-E Datasheet
173Kb / 20P
   SYSDRIVE 3G3HV Series
logo
Allegro MicroSystems
A2151 ALLEGRO-A2151 Datasheet
279Kb / 7P
   Audio Amplification Transistor
logo
MicroPower Direct, LLC
A215EHI MPD-A215EHI Datasheet
190Kb / 2P
   Low Cost, Miniature DIP 2W, Very High Isolation DC/DC Converters
A215EHI MPD-A215EHI Datasheet
223Kb / 2P
   A200EHI SERIES
A215R MPD-A215R Datasheet
94Kb / 2P
   Compact, Regulated, 2W Single & Dual Output DC/DC Converters
More results

Similar Description - A215822G2SZNQE

ManufacturerPart #DatasheetDescription
logo
C&K Components
A216132A2NZNQE CK-COMPONENTS-A216132A2NZNQE Datasheet
266Kb / 5P
   4 & 5 Tumbler 1-4 Pole Switchlocks
logo
ITT Industries
Y100132A203NQ ITT-Y100132A203NQ Datasheet
582Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
logo
C&K Components
Y10013 CK-COMPONENTS-Y10013 Datasheet
433Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
Y CK-COMPONENTS-Y Datasheet
923Kb / 8P
   4, 5 & 6 Tumbler Switchlocks
2018
logo
ITT Industries
YF01132C2803NQ ITT-YF01132C2803NQ Datasheet
356Kb / 4P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YF01132C203NQ CK-COMPONENTS-YF01132C203NQ Datasheet
211Kb / 4P
   4 Tumbler Miniature Switchlocks
YM06132C205NQ CK-COMPONENTS-YM06132C205NQ Datasheet
182Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
ITT Industries
YM06132C205NQ ITT-YM06132C205NQ Datasheet
319Kb / 3P
   4 Tumbler Miniature Switchlocks
logo
C&K Components
YM CK-COMPONENTS-YM Datasheet
470Kb / 3P
   4 Tumbler Miniature Switchlocks
2018
YF CK-COMPONENTS-YF Datasheet
534Kb / 4P
   4 Tumbler Miniature Switchlocks
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com