Electronic Components Datasheet Search |
|
MB95F118NW Datasheet(PDF) 10 Page - Fujitsu Component Limited. |
|
MB95F118NW Datasheet(HTML) 10 Page - Fujitsu Component Limited. |
10 / 64 page MB95110M Series 10 (Continued) *: For the I/O circuit type, refer to “■ I/O CIRCUIT TYPE” Pin no. Pin name I/O Circuit type* Function 32 P00/INT00 C General-purpose I/O port. The pins are shared with external interrupt input. Large current port. 34 P01/INT01 35 P02/INT02 36 P03/INT03 37 P04/INT04 38 P05/INT05 39 P06/INT06 40 P07/INT07 41 P10/UI0 G General-purpose I/O port. The pin is shared with UART/SIO ch.0 data input. 42 P11/UO0 H General-purpose I/O port. The pin is shared with UART/SIO ch.0 data output. 43 P12/UCK0 General-purpose I/O port. The pin is shared with UART/SIO ch.0 clock I/O. 44 P13/TRG0/ ADTG General-purpose I/O port. The pin is shared with 16-bit PPG ch.0 trigger input (TRG0) and A/D trigger input (ADTG). 45 P14/PPG0 General-purpose I/O port. The pin is shared with 16-bit PPG ch.0 output. 47 P15 General-purpose I/O port. 48 P60/PPG10 K General-purpose I/O port. The pins are shared with 8/16-bit PPG ch.1 output. 49 P61/PPG11 50 P62/TO10 General-purpose I/O port. The pins are shared with 8/16-bit compound timer ch.1 output. 51 P63/TO11 52 P64/EC1 General-purpose I/O port. The pin is shared with 8/16-bit compound timer ch.1 clock input. 7, 20, 33, 46 NC ⎯ Internal connect pin. Be sure this pin is left open. |
Similar Part No. - MB95F118NW |
|
Similar Description - MB95F118NW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |