Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24070 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24070
Description  SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24070 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24070 Datasheet HTML 1Page - Texas Instruments BQ24070 Datasheet HTML 2Page - Texas Instruments BQ24070 Datasheet HTML 3Page - Texas Instruments BQ24070 Datasheet HTML 4Page - Texas Instruments BQ24070 Datasheet HTML 5Page - Texas Instruments BQ24070 Datasheet HTML 6Page - Texas Instruments BQ24070 Datasheet HTML 7Page - Texas Instruments BQ24070 Datasheet HTML 8Page - Texas Instruments BQ24070 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
www.ti.com
bq24070
bq24071
SLUS694B – MARCH 2006 – REVISED AUGUST 2006
ELECTRICAL CHARACTERISTICS (continued)
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Voltage on ISET1, VVCC≥ 4.35 V,
Battery charge current set
V(SET)
VI(OUT)- VI(BAT) > V(DO-MAX),
2.47
2.50
2.53
V
voltage(5)
VI(BAT) > V(LOWV)
100 mA
≤ I
O(BAT) ≤ 1.5 A
375
425
450
K(SET)
Charge current set factor, BAT
10 mA
≤ I
O(BAT) ≤ 100 mA
(6)
300
450
600
USB MODE INPUT CURRENT LIMIT
ISET2 = Low
80
90
100
I(USB)
USB input port current range
mA
ISET2 = High
400
500
BAT PIN CHARGING VOLTAGE REGULATION, VO (BAT-REG) + V (DO-MAX) < VCC, ITERM < IBAT(OUT) ≤ 1 A
Battery charge voltage
4.2
V
VO(BAT-REG)
TA = 25°C
–0.5%
0.5%
Battery charge voltage regulation
accuracy
–1%
1%
CHARGE TERMINATION DETECTION
Charge termination detection
VI(BAT) > V(RCH),
I(TERM)
10
150
mA
range
I(TERM) = (K(SET) × V(TERM))/ RSET
VI(BAT) > V(RCH) , Mode = High
230
250
270
Charge termination set voltage,
V(TERM)
mV
measured on ISET1
VI(BAT) > V(RCH) , Mode = Low
95
100
130
tFALL = 100 ns, 10 mV overdrive,
Deglitch time for termination
TDGL(TERM)
ICHG increasing above or decreasing
22.5
ms
detection
below threshold
TEMPERATURE SENSE COMPARATORS
VLTF
High voltage threshold
Temp fault at V(TS) > VLTF
2.465
2.500
2.535
V
VHTF
Low voltage threshold
Temp fault at V(TS) < VHTF
0.485
0.500
0.515
V
Temperature sense current
ITS
94
100
106
µA
source
R(TMR) = 50 kΩ, VI(BAT) increasing or
Deglitch time for temperature
TDGL(TF)
decreasing above and below;
22.5
ms
fault detection(7)
100-ns fall time, 10-mv overdrive
BATTERY RECHARGE THRESHOLD
VO(BAT-REG)
VO(BAT-REG)
VO(BAT-REG)
VRCH
Recharge threshold voltage
V
–0.075
–0.100
–0.125
R(TMR) = 50 kΩ, VI(BAT) increasing
Deglitch time for recharge
TDGL(RCH)
or decreasing below threshold,
22.5
ms
detection(7)
100-ns fall time, 10-mv overdrive
STAT1, STAT2, AND PG, OPEN DRAIN (OD) OUTPUTS(8)
Low-level output saturation
IOL = 5 mA, An external pullup
VOL
0.25
V
voltage
resistor
≥ 1 K required.
ILKG
Input leakage current
1
5
µA
ISET2, CE INPUTS
VIL
Low-level input voltage
0
0.4
V
VIH
High-level input voltage
1.4
IIL
Low-level input current, CE
–1
IIH
High-level input current, CE
1
µA
IIL
Low-level input current, ISET2
VISET2 = 0.4 V
–20
IIH
High-level input current, ISET2
VISET2 = VCC
40
t(CE-HLDOFF)
Holdoff time, CE
CE going low only
4
6
ms
MODE INPUT
Falling Hi
→Low; 280 K ± 10% applied
VIL
Low-level input voltage
0.975
1
1.025
V
when low.
VIH
High-level input voltage
Input RMode sets external hysteresis
VIL + .01
VIL + .024
V
(5)
For half-charge rate, V(SET) is 1.25 V ± 25 mV.
(6)
Specification is for monitoring charge current via the ISET1 pin during voltage regulation mode, not for a reduced fast-charge level.
(7)
All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
(8)
See Charger Sleep mode for PG (VCC = VIN) specifications.
5
Submit Documentation Feedback


Similar Part No. - BQ24070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI1-BQ24070 Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
BQ24070RHLR TI-BQ24070RHLR Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070RHLR TI1-BQ24070RHLR Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
More results

Similar Description - BQ24070

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com