Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3603HV2 Datasheet(PDF) 6 Page - Catalyst Semiconductor

Part # CAT3603HV2
Description  3-Channel LED Driver in 3x3mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603HV2 Datasheet(HTML) 6 Page - Catalyst Semiconductor

Back Button CAT3603HV2 Datasheet HTML 2Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 3Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 10Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CAT3603
Doc. No. 5017 Rev. C
6
© 2006 Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, IOUT = 60mA (3 LEDs at 20mA), C1 = C2 = CIN = COUT = 1µF, TAMB = 25°C unless otherwise specified.
Foldback Current Limit
0
1
2
3
4
5
0
100
200
300
400
500
OUTPUT CURRENT [mA]
1x mode


Similar Part No. - CAT3603HV2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
More results

Similar Description - CAT3603HV2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
   3-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com