Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT3603HV2 Datasheet(PDF) 9 Page - Catalyst Semiconductor

Part # CAT3603HV2
Description  3-Channel LED Driver in 3x3mm Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT3603HV2 Datasheet(HTML) 9 Page - Catalyst Semiconductor

Back Button CAT3603HV2 Datasheet HTML 4Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 5Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 6Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 7Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 8Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 9Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 10Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 11Page - Catalyst Semiconductor CAT3603HV2 Datasheet HTML 12Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CAT3603
© 2006 Catalyst Semiconductor, Inc.
9
Doc. No. 5017 Rev. C
Characteristics subject to change without notice
LED CURRENT SETTING
The LED current is set by the external resistor RSET
connected between the RSET pin and ground. Table
1 lists various LED currents and the associated RSET
resistor value for standard 1% precision surface
mount resistors.
Table 1. RSET Resistor Selection
LED Current (mA)
RSET (kΩ)
1
649
5
287
10
102
15
49.9
20
32.4
25
23.7
30
15.4
The unused LED channels must be disabled by
connecting the respective LED pins to VOUT.
A
disabled channel sinks only 0.2mA typical. When the
following equation is true on any channel, the driver
turns off the LED channel:
VOUT - VLED
≤ 1V (LED channel OFF)
Note: The CAT3603 is designed to drive LEDs with forward
voltage greater than 1V and is not compatible with resistive
loads less than 5k
Ω.
External Components
The driver requires a total of four external 1µF ceramic
capacitors: two for decoupling input and output, and
two for the charge pump. Both capacitor types X5R and
X7R are recommended for the LED driver application.
In the 1.5x charge pump mode, the input current ripple
is kept very low by design, and an input bypass
capacitor of 1µF is sufficient. In 1x mode, the device
operating in linear mode does not introduce switching
noise back onto the supply.
Recommended Layout
In 1.5x charge pump mode, the driver switches
internally at a high frequency of 1MHz. It is
recommended to minimize trace length to all four
capacitors. A ground plane should cover the area
under the driver IC as well as the bypass capacitors.
Short connection to ground on capacitors CIN and
COUT can be implemented with the use of multiple
via. A copper area matching the TDFN exposed pad
(GND) must be connected to the ground plane
underneath. The use of multiple via improves the
package heat dissipation.
Figure 3. Recommended Layout


Similar Part No. - CAT3603HV2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
More results

Similar Description - CAT3603HV2

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614 Datasheet
452Kb / 12P
   4-Channel 1-Wire LED Driver in 3x3mm Package
logo
ON Semiconductor
CAT3603HV2 ONSEMI-CAT3603HV2 Datasheet
381Kb / 12P
   3-Channel LED Driver in 3 x 3mm Package
Doc. No. MD-5017 Rev. F
CAT3603 ONSEMI-CAT3603 Datasheet
168Kb / 11P
   3-Channel LED Driver in 3 x 3 mm Package
January, 2010 ??Rev. 5
CAT3614 ONSEMI-CAT3614 Datasheet
164Kb / 12P
   4-Channel 1-Wire LED Driver in 3 x 3 mm Package
April, 2010 ??Rev. 2
logo
Catalyst Semiconductor
CAT3614 CATALYST-CAT3614_08 Datasheet
217Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
logo
ON Semiconductor
CAT3614HV2-T2 ONSEMI-CAT3614HV2-T2 Datasheet
197Kb / 13P
   4-Channel 1-Wire LED Driver in 3 x 3mm Package
Doc. No. MD-5035, Rev.C
logo
Will Semiconductor Ltd.
WD3153 WILLSEMI-WD3153 Datasheet
732Kb / 19P
   3-Channel LED Driver
logo
Integrated Silicon Solu...
IS31FL3193-DLS2-EB ISSI-IS31FL3193-DLS2-EB Datasheet
320Kb / 13P
   3-CHANNEL FUN LED DRIVER
IS31FL3193 ISSI-IS31FL3193 Datasheet
356Kb / 13P
   3-CHANNEL FUN LED DRIVER
logo
Sitronix Technology Co....
ST1208 SITRONIX-ST1208 Datasheet
254Kb / 12P
   3-Channel White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com