Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24071RHLT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24071RHLT
Description  SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24071RHLT Datasheet(HTML) 4 Page - Texas Instruments

  BQ24071RHLT Datasheet HTML 1Page - Texas Instruments BQ24071RHLT Datasheet HTML 2Page - Texas Instruments BQ24071RHLT Datasheet HTML 3Page - Texas Instruments BQ24071RHLT Datasheet HTML 4Page - Texas Instruments BQ24071RHLT Datasheet HTML 5Page - Texas Instruments BQ24071RHLT Datasheet HTML 6Page - Texas Instruments BQ24071RHLT Datasheet HTML 7Page - Texas Instruments BQ24071RHLT Datasheet HTML 8Page - Texas Instruments BQ24071RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
bq24070
bq24071
SLUS694B – MARCH 2006 – REVISED AUGUST 2006
over junction temperature range (0°C
≤ T
J ≤ 125°C) and the recommended supply voltage range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT BIAS CURRENTS
ICC(SPLY)
Active supply current, VCC
VVCC > VVCC(min)
1
2
mA
VIN < V(BAT)
Sleep current (current into BAT
ICC(SLP)
2.6 V
≤ V
I(BAT)≤ VO(BAT-REG),
2
5
pin)
Excludes load on OUT pin
VI(AC) ≤ 6V, Total current into IN pin with
ICC(IN-STDBY)
Input standby current
chip disabled, Excludes all loads,
200
CE=LOW, after t(CE-HOLDOFF) delay
µA
Total current into BAT pin with input
present and chip disabled;
ICC(BAT-STDBY)
BAT standby current
Excludes all loads, CE=LOW,
45
65
after t(CE-HOLDOFF) delay,
0°C
≤ T
J≤ 85°C
IIB(BAT)
Charge done current, BAT
Charge DONE, input supplying the load
1
5
OUT PIN-VOLTAGE REGULATION
bq24070
VI(AC)≥ 4.4 V+VDO
4.4
4.5
Output regulation
VO(OUT-REG)
V
voltage
bq24071
VI(AC)≥ 6.0 V+VDO
6.0
6.3
OUT PIN – DPPM REGULATION
V(DPPM-SET)
DPPM set point(1)
VDPPM-SET < VOUT
2.6
3.8
V
I(DPPM-SET)
DPPM current source
Input present
95
100
105
µA
SF
DPPM scale factor
V(DPPM-REG)= V(DPPM-SET) × SF
1.139
1.150
1.162
OUT PIN – FET (Q1, Q2) DROP-OUT VOLTAGE ®DS(on))
VI(AC)≥ VCC(min), Mode = High,
V(ACDO)
AC to OUT dropout voltage(2)
300
475
II(AC) = 1 A, (IO(OUT)+ IO(BAT)), or no input
mV
BAT to OUT dropout voltage
V(BATDO)
VI (BAT)≥ 3 V, Ii(BAT)= 1.0 A, VCC < Vi(BAT)
40
100
(discharging)
OUT PIN - BATTERY SUPPLEMENT MODE
Enter battery supplement mode
VI(OUT)
(battery supplements OUT
VBSUP1
VI(BAT)> 2 V
≤ V
I(BAT)
current in the presence of input
– 60 mV
source
V
VI(OUT)
VBSUP2
Exit battery supplement mode
VI(BAT)> 2 V
≥ V
I(BAT)
– 20 mV
OUT PIN - SHORT CIRCUIT
Current source between BAT to OUT for
BAT to OUT short-circuit
IOSH1
short-circuit recovery to
10
mA
recovery
VI(OUT)≤ VI(BAT) –200 mV
RSHAC
AC to OUT short-circuit limit
VI(OUT) ≤ 1 V
500
BAT PIN CHARGING – PRECHARGE
Precharge to fast-charge
V(LOWV)
Voltage on BAT
2.9
3
3.1
V
transition threshold
Deglitch time for fast-charge to
tFALL = 100 ns, 10 mV overdrive,
TDGL(F)
22.5
ms
precharge transition(3)
VI(BAT) decreasing below threshold
1 V < VI(BAT) < V(LOWV), t < t(PRECHG),
IO(PRECHG)
Precharge range
10
150
mA
IO(PRECHG) = (K(SET) × V(PRECHG))/ RSET
V(PRECHG)
Precharge set voltage
1 V < VI(BAT) < V(LOWV), t < t(PRECHG)
225
250
275
mV
BAT PIN CHARGING - CURRENT REGULATION
Vi (BAT) > V(LOWV), Mode = High
IO(BAT)
Battery charge current range (4)
IOUT(BAT) = (K(SET) × V(SET) / RSET),
100
1000
1500
mA
VI(OUT) > VO(OUT-REG) + V(DO-MAX)
RPBAT
BAT to OUT pullup
Vi (BAT)< 1 V
1000
(1)
V(DPPM-SET) is scaled up by the scale factor for controlling the output voltage V(DPPM-REG).
(2)
VDO(max), dropout voltage is a function of the FET, RDS(on), and drain current. The dropout voltage increases proportionally to the
increase in current.
(3)
All deglitch periods are a function of the timer setting and is modified in DPPM or thermal regulation modes by the percentages that the
program current is reduced.
(4)
When input current remains below 2 A, the battery charging current may be raised until the thermal regulation limits the charge current.
4
Submit Documentation Feedback


Similar Part No. - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24071RHLT TI1-BQ24071RHLT Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
More results

Similar Description - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com