Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24071RHLT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24071RHLT
Description  SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24071RHLT Datasheet(HTML) 2 Page - Texas Instruments

  BQ24071RHLT Datasheet HTML 1Page - Texas Instruments BQ24071RHLT Datasheet HTML 2Page - Texas Instruments BQ24071RHLT Datasheet HTML 3Page - Texas Instruments BQ24071RHLT Datasheet HTML 4Page - Texas Instruments BQ24071RHLT Datasheet HTML 5Page - Texas Instruments BQ24071RHLT Datasheet HTML 6Page - Texas Instruments BQ24071RHLT Datasheet HTML 7Page - Texas Instruments BQ24071RHLT Datasheet HTML 8Page - Texas Instruments BQ24071RHLT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
www.ti.com
DESCRIPTION (CONTINUED)
bq24070
bq24071
SLUS694B – MARCH 2006 – REVISED AUGUST 2006
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOSFET gates.
The MODE pin selects the priority of the input sources. If an input source is not available, then the battery is
selected as the source. With the MODE pin high, the bq24070/1 attempts to charge from the input at the charge
rate set by ISET1 pin. With the MODE pin low, the bq24070/1 defaults to USB charging at the charge rate. This
feature allows the use of a single connector (mini-USB cable), where the host programs the MODE pin
according to the source that is connected (AC adaptor or USB port). Table 1 summarizes the MODE pin
function.
Table 1. Power Source Selection Function Summary
MODE STATE
AC
MAXIMUM
SYSTEM
USB BOOT-UP
ADAPTER
CHARGE RATE(1)
POWER
FEATURE
SOURCE
Low
Present
ISET2
USB
Enabled
Absent
N/A
Battery
Disabled
High
Present
ISET1
AC
Disabled
Absent
N/A
Battery
Disabled
(1)
Battery charge rate is always set by ISET1, but may be reduced by a limited input source (ISET2 USB mode) and IOUT system load.
ORDERING INFORMATION(1)
BATTERY
PART
PACKAGE
TA
OUT PIN
STATUS
VOLTAGE (V)
NUMBER(2)(3)
MARKING
4.2
Regulated to 4.4 V(4)
bq24070RHLR
Production
BRQ
4.2
Regulated to 4.4 V(4)
bq24070RHLT
Production
BRQ
–40°C to 125°C
4.2
Regulated to 6.0 V
bq24071RHLR
Production
BTR
4.2
Regulated to 6.0 V
bq24071RHLT
Production
BTR
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
(2)
The RHL package is available in the following options:
R - taped and reeled in quantities of 3,000 devices per reel.
T - taped and reeled in quantities of 250 devices per reel.
(3)
This product is RoHS compatible, including a lead concentration that does not exceed 0.1% of total product weight, and is suitable for
use in specified lead-free soldering processes. In addition, this product uses package materials that do not contain halogens, including
bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(4)
If AC < VO(OUT-REG), the AC is connected to the OUT pin by a P-FET, (Q1).
2
Submit Documentation Feedback


Similar Part No. - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24071RHLT TI1-BQ24071RHLT Datasheet
1Mb / 33P
[Old version datasheet]   System Power-Path Management IC
More results

Similar Description - BQ24071RHLT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24070RHLRG4 TI1-BQ24070RHLRG4 Datasheet
986Kb / 31P
[Old version datasheet]   SINGLE-CHIP LI-ION CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24030-Q1 TI1-BQ24030-Q1 Datasheet
936Kb / 34P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24031-Q1 TI-BQ24031-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24070 TI-BQ24070 Datasheet
1Mb / 26P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC
BQ24010 TI1-BQ24010 Datasheet
977Kb / 24P
[Old version datasheet]   Single-Chip, Li-Ion Charge Management IC
BQ24085 TI1-BQ24085_15 Datasheet
1Mb / 40P
[Old version datasheet]   Single-Chip Li-Ion and Li-Pol Charge Management IC
BQ24030 TI-BQ24030 Datasheet
314Kb / 20P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINYI)
BQ24030 TI-BQ24030_07 Datasheet
846Kb / 38P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC (bqTINY)
BQ24032A TI-BQ24032A Datasheet
864Kb / 32P
[Old version datasheet]   SINGLE-CHIP CHARGE AND SYSTEM POWER-PATH MANAGEMENT IC(bqTINYTM-III)
BQ24120 TI1-BQ24120 Datasheet
2Mb / 39P
[Old version datasheet]   Single-Chip Switched-Mode, Li-Ion, and Li-Polymer Charge-Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com