Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A43L2632 Datasheet(PDF) 6 Page - AMIC Technology

Part # A43L2632
Description  1M X 32 Bit X 4 Banks Synchronous DRAM
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A43L2632 Datasheet(HTML) 6 Page - AMIC Technology

Back Button A43L2632 Datasheet HTML 2Page - AMIC Technology A43L2632 Datasheet HTML 3Page - AMIC Technology A43L2632 Datasheet HTML 4Page - AMIC Technology A43L2632 Datasheet HTML 5Page - AMIC Technology A43L2632 Datasheet HTML 6Page - AMIC Technology A43L2632 Datasheet HTML 7Page - AMIC Technology A43L2632 Datasheet HTML 8Page - AMIC Technology A43L2632 Datasheet HTML 9Page - AMIC Technology A43L2632 Datasheet HTML 10Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
A43L1632
PRELIMINARY
(January, 2005, Version 0.0)
5
AMIC Technology, Corp.
Absolute Maximum Ratings*
Voltage on any pin relative to VSS (Vin, Vout ) . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to +3.6V
Voltage on VDD supply relative to VSS (VDD, VDDQ )
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-0.5V to + 3.6V
Storage Temperature (TSTG) . . . . . . . . . . -55
°C to +150°C
Soldering Temperature X Time (TSLODER) . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 260
°C X 10sec
Power Dissipation (PD) . . . . . . . . . . . . . . . . . . . . . . . . .0.8W
Short Circuit Current (Ios) . . . . . . . . . . . . . . . . . . . . 50mA
*Comments
Permanent device damage may occur if “Absolute Maximum
Ratings” are exceeded.
Functional operation should be restricted to recommended
operating condition.
Exposure to higher than recommended voltage for extended
periods of time could affect device reliability.
Capacitance (TA=25
°C, f=1MHz)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input Capacitance
CI1
A0 to A10, BA0, BA1
2.5
4
pF
CI2
CLK, CKE,
CS , RAS , CAS , WE ,
DQM
3
5.5
pF
Data Input/Output Capacitance
CI/O
DQ0 to DQ31
4
6.5
pF
DC Electrical Characteristics
Recommend operating conditions (Voltage referenced to VSS = 0V, TA = 0ºC to +70ºC or TA = -40ºC to +85ºC )
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply Voltage
VDD,VDDQ
3
3.3
3.6
V
Input High Voltage
VIH
2
-
VDD+0.3
V
Input Low Voltage
VIL
-0.3
0
0.8
V
Note 1
Output High Voltage
VOH
2.0
-
-
V
IOH = -1mA
Output Low Voltage
VOL
-
-
0.4
V
IOL = 1mA
Input Leakage Current
IIL
-5
-
5
µA
Note 2
Output Leakage Current
IOL
-5
-
5
µA
Note 3
Output Loading Condition
See Figure 1
Note:
1. VIL (min) = -2.0V AC (pulse width
≤ 3ns).
2. Any input 0V
≤ VIN ≤ VDD + 0.3V, all other pins are not under test = 0V
3. Dout is disabled, 0V
≤ Vout ≤ VDD


Similar Part No. - A43L2632

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A43L2632G-75I AMICC-A43L2632G-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632G-95I AMICC-A43L2632G-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632V-75I AMICC-A43L2632V-75I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
A43L2632V-95I AMICC-A43L2632V-95I Datasheet
502Kb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results

Similar Description - A43L2632

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M12L128324A ESMT-M12L128324A_1 Datasheet
797Kb / 49P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A_09 Datasheet
967Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128324A ESMT-M52S128324A Datasheet
755Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12S128324A ESMT-M12S128324A Datasheet
746Kb / 46P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M12L128324A ESMT-M12L128324A Datasheet
786Kb / 47P
   1M x 32 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A Datasheet
1Mb / 47P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12S64164A ESMT-M12S64164A Datasheet
1Mb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
M12L64164A ESMT-M12L64164A_07 Datasheet
814Kb / 45P
   1M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS6616A4A A-DATA-VDS6616A4A Datasheet
608Kb / 8P
   Synchronous DRAM(1M X 16 Bit X 4 Banks)
Rev 1.1 April, 2001
logo
AMIC Technology
A43L2616A AMICC-A43L2616A Datasheet
1Mb / 42P
   1M X 16 Bit X 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com