Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EDI8L32256C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # EDI8L32256C
Description  256Kx32, 5V Static Ram
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EDI8L32256C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  EDI8L32256C Datasheet HTML 1Page - List of Unclassifed Manufacturers EDI8L32256C Datasheet HTML 2Page - List of Unclassifed Manufacturers EDI8L32256C Datasheet HTML 3Page - List of Unclassifed Manufacturers EDI8L32256C Datasheet HTML 4Page - List of Unclassifed Manufacturers EDI8L32256C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EDI8L32256C
256Kx32 SRAM Module
5
EDI8L32256C Rev. 4 3/98 ECO#9662
Write Cycle 2 - E Controlled
Ordering Information
Commercial (0°C to 70°C)
Industrial (-40°C to +85°C)
Part Number
Speed
Package
(ns)
No.
EDI8L32256C15AC
15
99
EDI8L32256C17AC
17
99
EDI8L32256C20AC
20
99
EDI8L32256C25AC
25
99
Part Number
Speed
Package
(ns)
No.
EDI8L32256C17AI
17
99
EDI8L32256C20AI
20
99
EDI8L32256C25AI
25
99
A
W
E
D
Q
TAVAV
TAVEL
TEHAX
TDVEH
TEHDX
TELEH
TAVEH
DATA VALID
HIGH Z
TWLEH
BSx,
Package No. 99
68 Lead PLCC
JEDEC MO-47AE
Weight = 4.2g
Theta JA = 40
°°°°°C/W
Theta JC = 15
°°°°°C/W
Package Description
0.956
Max
0.180
Max
0.115
Max
0.040
Max
0.050
BSC
0.020
0.015
0.995
Max
0.930
0.890
0.956
Max
0.995
Max
Electronic Designs Incorporated
• One Research Drive • Westborough, MA 01581USA • 508-366-5151 • FAX 508-836-4850 •
http://www.electronic-designs.com
Electronic Designs Inc. reserves the right to change specifications without notice.
CAGE No. 66301


Similar Part No. - EDI8L32256C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8L32128C WEDC-EDI8L32128C Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C12AC WEDC-EDI8L32128C12AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C15AC WEDC-EDI8L32128C15AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C15AI WEDC-EDI8L32128C15AI Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
EDI8L32128C17AC WEDC-EDI8L32128C17AC Datasheet
346Kb / 5P
   128Kx32 CMOS High Speed Static RAM
More results

Similar Description - EDI8L32256C

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI8F32259V WEDC-EDI8F32259V Datasheet
384Kb / 7P
   256Kx32 Static RAM CMOS, High Speed Module
EDI8F32259C WEDC-EDI8F32259C Datasheet
260Kb / 8P
   256Kx32 STATIC RAM CMOS, HIGH SPEED MODULE
logo
Samsung semiconductor
K6R4016C1C-C SAMSUNG-K6R4016C1C-C Datasheet
184Kb / 11P
   256Kx16 Bit High Speed Static RAM(5V Operating).
K6R4004C1C-C SAMSUNG-K6R4004C1C-C Datasheet
155Kb / 8P
   1Mx4 Bit High Speed Static RAM(5V Operating).
logo
Dallas Semiconductor
DS2016 DALLAS-DS2016 Datasheet
254Kb / 9P
   2k x 8 3V/5V Operation Static RAM
logo
Maxim Integrated Produc...
DS2016 MAXIM-DS2016 Datasheet
168Kb / 8P
   2k x 8 3V/5V Operation Static RAM
032706
logo
Sharp Corporation
LH5168V2 SHARP-LH5168V2 Datasheet
1Mb / 18P
   STATIC RAM
logo
ARTSCHIP ELECTRONICS CO...
CY62128 ARTSCHIP-CY62128 Datasheet
1Mb / 8P
   Static RAM
CY62256 ARTSCHIP-CY62256 Datasheet
374Kb / 12P
   Static RAM
logo
Toshiba Semiconductor
TC55257DPI-70V TOSHIBA-TC55257DPI-70V Datasheet
676Kb / 13P
   STATIC RAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com