Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7R320982C Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7R320982C
Description  1Mx36 & 2Mx18 & 4Mx9 QDR II b2 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7R320982C Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7R320982C Datasheet HTML 6Page - Samsung semiconductor K7R320982C Datasheet HTML 7Page - Samsung semiconductor K7R320982C Datasheet HTML 8Page - Samsung semiconductor K7R320982C Datasheet HTML 9Page - Samsung semiconductor K7R320982C Datasheet HTML 10Page - Samsung semiconductor K7R320982C Datasheet HTML 11Page - Samsung semiconductor K7R320982C Datasheet HTML 12Page - Samsung semiconductor K7R320982C Datasheet HTML 13Page - Samsung semiconductor K7R320982C Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
- 10 -
Rev. 1.1 August 2006
K7R323682C
K7R321882C
K7R320982C
WRITE TRUTH TABLE(x18)
Notes: 1. X means “Don
′t Care”.
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
4. This table illustrates operation for x18 devices. x9 device operation is similar except that
BW controls D0:D8.
K
K
BW0
BW1
OPERATION
L
L
WRITE ALL BYTEs ( K
↑)
L
L
WRITE ALL BYTEs ( K
↑)
L
H
WRITE BYTE 0 ( K
↑)
L
H
WRITE BYTE 0 ( K
↑)
H
L
WRITE BYTE 1 ( K
↑)
H
L
WRITE BYTE 1 ( K
↑)
HH
WRITE NOTHING ( K
↑)
HH
WRITE NOTHING ( K
↑)
WRITE TRUTH TABLE(x36)
Notes: 1. X means “Don
′t Care”.
2. All inputs in this table must meet setup and hold time around the rising edge of input clock K or K (
↑ ).
3. Assumes a WRITE cycle was initiated.
K
K
BW0
BW1
BW2
BW3
OPERATION
LLLL
WRITE ALL BYTEs ( K
↑ )
LLLL
WRITE ALL BYTEs ( K
↑ )
L
HHH
WRITE BYTE 0 ( K
↑ )
L
HHH
WRITE BYTE 0 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
L
H
H
WRITE BYTE 1 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
H
H
L
L
WRITE BYTE 2 and BYTE 3 ( K
↑ )
HHHH
WRITE NOTHING ( K
↑)
HHHH
WRITE NOTHING ( K
↑ )
TRUTH TABLES
SYNCHRONOUS TRUTH TABLE
Notes: 1. X means “Don
′t Care”.
2. The rising edge of clock is symbolized by (
↑ ).
3. Before enter into clock stop status, all pending read and write operations will be completed.
K
R
W
D
Q
OPERATION
D(A0)
D(A1)
Q(A0)
Q(A1)
Stopped
X
X
Previous state
Previous state
Previous state
Previous state
Clock Stop
H
H
X
X
High-Z
High-Z
No Operation
L
XX
X
DOUT at C(t+1)
DOUT at C(t+2)
Read
X
L
Din at K(t)
Din at K(t)
X
X
Write


Similar Part No. - K7R320982C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R320982M SAMSUNG-K7R320982M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
More results

Similar Description - K7R320982C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7J323682C SAMSUNG-K7J323682C Datasheet
415Kb / 18P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7J323682M SAMSUNG-K7J323682M Datasheet
305Kb / 17P
   1Mx36 & 2Mx18 DDR II SIO b2 SRAM
K7I323682M SAMSUNG-K7I323682M Datasheet
377Kb / 17P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236T2C SAMSUNG-K7K3236T2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7K3236U2C SAMSUNG-K7K3236U2C Datasheet
406Kb / 19P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
K7I323682C SAMSUNG-K7I323682C Datasheet
418Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b2 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com