Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CGE0E1616H2H24FWB03 Datasheet(PDF) 4 Page - ITT Industries

Part # CGE0E1616H2H24FWB03
Description  High Power Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CGE0E1616H2H24FWB03 Datasheet(HTML) 4 Page - ITT Industries

  CGE0E1616H2H24FWB03 Datasheet HTML 1Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 2Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 3Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 4Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 5Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 6Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 7Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 8Page - ITT Industries CGE0E1616H2H24FWB03 Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CGE
4
Dimensions are mm (inches)
Subject to changes
Technical Data
Admissible ambient temperature
–55/125
°C
Class
JP07 acc to DIN 40050
Test pressure
1 bar overpressure
Test duration
12 h
Vibration
200 m/s2 for 10 – 2000 Hz
Mechanical durability
500 mating cycles
Coupling torque
in wired condition acc to VG95319, Part
2, Test No 5.8.2.
Shell size
max closing /
max opening
opening Nm
Nm
16
5,5
0,5
18
8,0
0,6
22
11,0
0,8
28
17,0
0,9
32
19,0
1,0
Contact retention
acc to VG 95319, Part 2, Test No 5.4.
Contact size
Test force N min
H2
100
H5
120
H9
140
H15
160
H24
200
Materials
Shell
Aluminum alloy
– Finish
Olive chromate over
cadmium
Insulator
PTFE
Contact
Copper or copper alloy
– Finish
Hard silver
O ring
FKM
Cables
The connectors are designed for ultraflexible welding cable acc to MTV 6145-005.
Shell size
Wire size
MTV 6145-005 designation
shielded
unshielded
16
25
MTV 6145-005 H001
MTV 6145-005 G001
18
50
MTV 6145-005 H002
MTV 6145-005 G002
22
95
MTV 6145-005 H003
MTV 6145-005 G003
28
150
MTV 6145-005 H004
MTV 6145-005 G004
32
240
MTV 6145-005 H005
MTV 6145-005 G005
When selecting a cable type please consider self-heating of cable at the maximum
operating voltage and the maximum ambient temperature (see page 5).
Electrical Data
Current rating
(A) at 125
°C ambient temperature
Shell size
16
18
22
28
32
Contact size
H2
H5
H9
H15
H24
Max Current rating (A)
225
350
570
750
950
Max Short-time load,
appr 0,5 – 1 sec (A)
750
1000
2000
3000
5000
Air and creepage paths
Air path
3 mm min
Creepage path
5 mm min
Insulator resistance
min 5000 MOhm
Contact resistance
(mOhm max)
Contact size
H2
H5
H9
H15
H24
Contact resistance
0,6
0,3
0,15
0,1
0,07


Similar Part No. - CGE0E1616H2H24FWB03

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
CGE0.6101.151 SCHURTER-CGE0.6101.151 Datasheet
563Kb / 5P
   IEC Appliance Inlet C14 with Filter, Fuseholder 1- or 2-pole (5x20 mm or 6.3x32 mm), Line Switch 1- or 2-pole, Voltage Selector (Series-Parallel)
More results

Similar Description - CGE0E1616H2H24FWB03

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1433 APITECH-1433 Datasheet
175Kb / 1P
   High Power, N Connectors
1434 APITECH-1434 Datasheet
480Kb / 1P
   High Power, N Connectors
1456 APITECH-1456 Datasheet
518Kb / 1P
   High Power, N Connectors
logo
FCI connector
10009536-001 FCI-CONNECTOR-10009536-001 Datasheet
75Kb / 2P
   METRAL짰 HIGH-POWER CONNECTORS
logo
Hirose Electric
MCN51-8S2-PFA HIROSE-MCN51-8S2-PFA Datasheet
289Kb / 6P
   High Current, High Density, Power Connectors
logo
API Technologies Corp
1470 APITECH-1470 Datasheet
511Kb / 1P
   High Power, N or SMK Connectors
1471 APITECH-1471 Datasheet
513Kb / 1P
   High Power, N or SMK Connectors
1473 APITECH-1473 Datasheet
522Kb / 1P
   High Power, N or SMK Connectors
1432 APITECH-1432 Datasheet
466Kb / 1P
   High Power, N or SMK Connectors
logo
Hirose Electric
PQ HIROSE-PQ_18 Datasheet
1Mb / 16P
   High Power/Signal Connectors for Industrial Machinery
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com