Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GNR40S201JC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # GNR40S201JC
Description  Catalog number system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

GNR40S201JC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  GNR40S201JC Datasheet HTML 1Page - List of Unclassifed Manufacturers GNR40S201JC Datasheet HTML 2Page - List of Unclassifed Manufacturers GNR40S201JC Datasheet HTML 3Page - List of Unclassifed Manufacturers GNR40S201JC Datasheet HTML 4Page - List of Unclassifed Manufacturers GNR40S201JC Datasheet HTML 5Page - List of Unclassifed Manufacturers GNR40S201JC Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TYPE
GNR10D
□□□K
MODEL
PAGE
2/4
CITATION
DATE Jul. 21, 2004
SUBJECT
DIMENSIONS TABLE
REV.
C01
Part No.
Tmax
10D180K
3.8
10D220K
4.0
10D270K
4.3
10D330K
3.6
10D390K
3.8
10D470K
4.0
10D560K
4.2
10D680K
4.0
10D820K
3.6
10D101K
3.8
10D121K
4.0
10D151K
4.3
10D181K
3.7
10D201K
3.8
10D221K
3.9
10D241K
4.0
10D271K
4.1
10D301K
4.3
10D331K
4.4
10D361K
4.6
10D391K
4.7
10D431K
4.9
10D471K
5.1
10D511K
5.2
10D561K
5.3
10D621K
5.6
10D681K
5.9
10D751K
6.2
10D781K
6.3
10D821K
6.5
10D911K
6.6
10D102K
6.8
10D112K
7.2
10D182K
11.2
Unit:mm


Similar Part No. - GNR40S201JC

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
GNR45DCZ CRYDOM-GNR45DCZ Datasheet
742Kb / 6P
   GNR 45mm Series
More results

Similar Description - GNR40S201JC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LCN6-14 ETC2-LCN6-14 Datasheet
33Kb / 2P
   Long Barrel Copper Lug T&B Catalog Number
N6NY-010-0-C ETC2-N6NY-010-0-C Datasheet
36Kb / 1P
   Plain Edge Cable Clamps T B Catalog Number
logo
Honeywell Accelerometer...
26PCFFS2G HONEYWELL-ACC-26PCFFS2G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
DUXL05D HONEYWELL-ACC-DUXL05D Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
HIH-4010-004 HONEYWELL-ACC-HIH-4010-004 Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
logo
Honeywell Solid State E...
SS400 HONEYWELL-SS400 Datasheet
245Kb / 3P
   Interactive Catalog Replaces Catalog Pages
242PC100G HONEYWELL-242PC100G Datasheet
348Kb / 5P
   Interactive Catalog Replaces Catalog Pages
BZ-3AT HONEYWELL-BZ-3AT Datasheet
433Kb / 9P
   Interactive Catalog Replaces Catalog Pages
XCX15DNC HONEYWELL-XCX15DNC Datasheet
433Kb / 9P
   Interactive Catalog Supplements Catalog PDFs
26PCCFA6G HONEYWELL-26PCCFA6G Datasheet
180Kb / 3P
   Interactive Catalog Replaces Catalog Pages
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com