Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSF256K8-37CCA Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WSF256K8-37CCA
Description  256Kx8 SRAM/ FLASH MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WSF256K8-37CCA Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WSF256K8-37CCA Datasheet HTML 1Page - List of Unclassifed Manufacturers WSF256K8-37CCA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
White Microelectronics • Phoenix, AZ • (602) 437-1520
11
LEAD FINISH:
Blank = Gold plated leads
A = Solder dip leads
DEVICE GRADE:
M = Military Screened
-55
°C to +125°C
I = Industrial
-40
°C to +85°C
C = Commercial
0
°C to +70°C
PACKAGE TYPE:
C = 32 DIP (Package 300)
ACCESS TIME (ns)
37 = 35ns SRAM and 70ns FLASH
72 = 70ns SRAM and 120ns FLASH also available
ORGANIZATION, 256K x 8
Flash PROM
SRAM
WHITE MICROELECTRONICS
WSF256K8-XCX
ORDERING INFORMATION
PACKAGE 300: 32 PIN, CERAMIC DIP, SINGLE CAVITY SIDE BRAZED
2.5 (0.100)
TYP
1.27 (0.050)
± 0.1 (0.005)
0.46 (0.018)
± 0.05 (0.002)
0.84 (0.033)
± 0.4 (0.014)
3.2 (0.125) MIN
15.04 (0.592)
± 0.3 (0.012)
0.25 (0.010)
± 0.05 (0.002)
15.25 (0.600)
± 0.25 (0.010)
42.4 (1.670)
± 0.4 (0.016)
4.34 (0.171)
± 0.79 (0.031)
PIN 1 IDENTIFIER
ALL LINEAR DIMENSIONS ARE MILLIMETERS AND PARENTHETICALLY IN INCHES
W S F
256K8 - XXX C X X


Similar Part No. - WSF256K8-37CCA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSF2515 VISHAY-WSF2515 Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
WSF2515100R0DEEABA VISHAY-WSF2515100R0DEEABA Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
WSF2515100R0DEEATA VISHAY-WSF2515100R0DEEATA Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
WSF2515100R0DEEKBA VISHAY-WSF2515100R0DEEKBA Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
WSF2515100R0DEEKTA VISHAY-WSF2515100R0DEEKTA Datasheet
92Kb / 3P
   Metal Film Resistors, Power, Surface Mount
More results

Similar Description - WSF256K8-37CCA

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
EDI88257C WEDC-EDI88257C Datasheet
285Kb / 6P
   256Kx8 Monolithic SRAM
EDI88257CA WEDC-EDI88257CA Datasheet
293Kb / 6P
   256Kx8 Monolithic SRAM
logo
Texas Instruments
BQ4014 TI-BQ4014 Datasheet
763Kb / 11P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
BQ4014 TI-BQ4014_08 Datasheet
803Kb / 13P
[Old version datasheet]   256Kx8 Nonvolatile SRAM
logo
White Electronic Design...
WSF512K32-XXX WEDC-WSF512K32-XXX Datasheet
445Kb / 14P
   512KX32 SRAM / FLASH MODULE
WSF128K32-XH2X WEDC-WSF128K32-XH2X Datasheet
441Kb / 12P
   128KX32 SRAM/FLASH MODULE
logo
ON Semiconductor
LE25U20AMB-AH ONSEMI-LE25U20AMB-AH Datasheet
140Kb / 21P
   2M-bit (256Kx8)Serial Flash Memory
July, 2013
logo
White Electronic Design...
WSF2816-39XX WEDC-WSF2816-39XX Datasheet
607Kb / 15P
   128KX16 SRAM/512KX16 FLASH MODULE
logo
Macronix International
MX29F200CT MCNIX-MX29F200CT Datasheet
434Kb / 44P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
MX29F200T MCNIX-MX29F200T Datasheet
720Kb / 46P
   2M-BIT [256Kx8/128Kx16] CMOS FLASH MEMORY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com