Electronic Components Datasheet Search |
|
AJ3SX12Y8NAO30PW1C2KHD9 Datasheet(PDF) 6 Page - ITT Industries |
|
AJ3SX12Y8NAO30PW1C2KHD9 Datasheet(HTML) 6 Page - ITT Industries |
6 / 6 page Dimensions are shown in mm (inch) Dimensions subject to change www.ittcannon.com E-11 Dimensional Drawings AJ3 Joystick Base Unit Ordering code 12 3 4 5 6 7 8 9 Example AJ3 S X8 Y8 NA O31 CA1 C2 KHD9 1 Type AJ3 2 Gate O = Round S = Square C = Cross X = X-axis single Y = Y axis single 3 X-Axis X4 = 4 N Operation X8 = 8 N Force X12 = 12 N X16 = 16 N 4 Y-Axis Y4 = 4 N Operation Y8 = 8N Force Y12 = 12 N Y16 = 16 N 5 Friction Currently not available Hold NA = None 6 Over N = None Travel O30 = +12 N all directions (float) O31 = +12 N forward O32 = +12 N right O35 = 12 N forward + rt. 7 Output VO1 = 0 - Ubat - 2.5V Signals VO2 = 0 - 5V VO3 = 0 - 10V VO4 = 3 - 9V VO8 = 0.5 - 4.5V CO1 = Current 4 - 20 mA PW1 = PWM 122 Hz CA1 = CA N 2.0A CA2 = CA N 2.0B 8 Output C2 = voltage (default) Center Position 9 Grip 0 = No Grip Attached S1J5 = MFG S1J5 KHD9 = MFG KHD9 S2J3 = MFG S2J3 Ball 54.280 mm (2.137) 22.276 mm (0.877) 103.988 mm (4.094) 69.596 mm (2.740) 4.191 mm (0.165) 62.992 mm (2.480) 64.999 mm (2.559) 70.993 mm (2.795) 5.283 mm (0.208) 69.977 mm (2.755) 70.993 mm (2.795) 65.983 mm (2.519) 64.499 mm (2.559) 77.978 mm (3.07) 83.998 mm (3.307) |
Similar Part No. - AJ3SX12Y8NAO30PW1C2KHD9 |
|
Similar Description - AJ3SX12Y8NAO30PW1C2KHD9 |