Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MRFG35010AR1 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MRFG35010AR1
Description  Gallium Arsenide PHEMT RF Power Field Effect Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MRFG35010AR1 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MRFG35010AR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MRFG35010AR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MRFG35010AR1
5
RF Device Data
Freescale Semiconductor
TYPICAL CHARACTERISTICS
Pout, OUTPUT POWER (dBm)
Figure 3. Single-Carrier W-CDMA Power Gain
and Drain Efficiency versus Output Power
40
2
14
10
0
60
10
8
40
6
30
4
20
15
10
20
25
30
35
GT
40
−60
−10
15
−25
0
IRL
ACPR
Pout, OUTPUT POWER (dBm)
Figure 4. Single-Carrier W-CDMA ACPR and
Input Return Loss versus Output Power
−5
−20
−30
−40
−15
20
−10
25
30
35
VDS = 12 Vdc, IDQ = 140 mA, f = 3550 MHz
Single−Carrier W−CDMA, 3.84 MHz Channel Bandwidth
ΓS = 0.850 ∠ −138.7_, ΓL = 0.827 ∠ −157.6_
NOTE: All data is referenced to package lead interface. ΓS and ΓL are the impedances presented to the DUT.
All data is generated from load pull, not from the test circuit shown.
ηD
−50
−20
VDS = 12 Vdc, IDQ = 140 mA, f = 3550 MHz
Single−Carrier W−CDMA
3.84 MHz Channel Bandwidth
ΓS = 0.850 ∠ −138.7_
ΓL = 0.827 ∠ −157.6_
12
50


Similar Part No. - MRFG35010AR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MRFG35010AR1 NXP-MRFG35010AR1 Datasheet
490Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
More results

Similar Description - MRFG35010AR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRFG35010MT1 FREESCALE-MRFG35010MT1 Datasheet
516Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010A NXP-MRFG35010A Datasheet
490Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
Rev. 2, 12/2008
logo
Freescale Semiconductor...
MRFG35005ANT1 FREESCALE-MRFG35005ANT1 Datasheet
452Kb / 13P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003N6AT1 FREESCALE-MRFG35003N6AT1 Datasheet
221Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
logo
NXP Semiconductors
MRFG35010AN NXP-MRFG35010AN Datasheet
1Mb / 25P
   Gallium Arsenide pHEMT RF Power Field Effect Transistor
Rev. 4, 8/2013
logo
Freescale Semiconductor...
MRFG35003M6T1 FREESCALE-MRFG35003M6T1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35003ANT1 FREESCALE-MRFG35003ANT1 Datasheet
473Kb / 18P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35005MT1 FREESCALE-MRFG35005MT1_06 Datasheet
132Kb / 12P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35002N6AT1 FREESCALE-MRFG35002N6AT1 Datasheet
187Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010NT1 FREESCALE-MRFG35010NT1 Datasheet
173Kb / 10P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
MRFG35010R1 FREESCALE-MRFG35010R1 Datasheet
373Kb / 11P
   Gallium Arsenide PHEMT RF Power Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com