Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74HCT273N Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # MM74HCT273N
Description  Octal D-Type Flip-Flop with Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

MM74HCT273N Datasheet(HTML) 4 Page - Fairchild Semiconductor

  MM74HCT273N Datasheet HTML 1Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 2Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 3Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 4Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 5Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 6Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 7Page - Fairchild Semiconductor MM74HCT273N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
VCC
5V, TA 25qC, CL 15 pF, tr tf 6 ns
AC Electrical Characteristics
VCC
5.0V
r 10%, CL 50 pF, tr tf 6 ns unless otherwise specified
Note 5: CPD determines the no load dynamic power consumption, PD CPD VCC
2 f  I
CC VCC, and the no load dynamic current consumption,
IS CPD VCC
2 f  I
CC.
Symbol
Parameter
Conditions
Typ
Guaranteed
Units
Limits
fMAX
Maximum Operating Frequency
68
30
MHz
tPHL, tPLH
Maximum Propagation Delay from Clock to Q
18
30
ns
tPHL, tPLH
Maximum Propagation Delay from Clear to Q
21
30
ns
tREM
Minimum Removal Time, Clear to Clock
15
ns
tS
Minimum Set-Up Time D to Clock
6
20
ns
tH
Minimum Hold Time Clock to D
35
ns
tW
Minimum Pulse Width Clock or Clear
10
16
ns
Symbol
Parameter
Conditions
TA 25qCTA 40qC to 85qCTA 55qC to 125qCUnits
Typ
Guaranteed Limits
fMAX
Maximum Operating
68
27
21
18
MHz
Frequency
tPHL, tPLH Maximum Propagation
22
37
46
56
ns
Delay from Clock to Q
tPHL, tPLH Maximum Propagation
25
35
44
52
ns
Delay from Clear to Q
tREM
Minimum Removal
15
6
7
ns
Time Clear to Clock
tS
Minimum Set-Up Time
6
20
25
30
ns
D to Clock
tH
Minimum Hold Time
35
5
5
ns
Clock to D
tW
Minimum Pulse Width
10
16
25
30
ns
Clock or Clear
tr, tf
Maximum Input Rise
500
500
500
ns
and Fall Time, Clock
tTHL, tTLH Maximum Output Rise
11
15
19
22
ns
and Fall Time
CPD
Power Dissipation
(Per Flip-Flop)
50
pF
Capacitance (Note 5)
CIN
Maximum Input
6
10
10
10
pF
Capacitance


Similar Part No. - MM74HCT273N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MM74HCT273N ONSEMI-MM74HCT273N Datasheet
213Kb / 10P
   Octal D-Type Flip-Flop with Clear
Revised May 2005
More results

Similar Description - MM74HCT273N

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LVX273F TOSHIBA-TC74LVX273F Datasheet
279Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
STMicroelectronics
74VHC273 STMICROELECTRONICS-74VHC273_04 Datasheet
329Kb / 14P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
M54HC273 STMICROELECTRONICS-M54HC273 Datasheet
250Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
logo
Texas Instruments
74AC11273 TI1-74AC11273 Datasheet
103Kb / 7P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
SN74HC273-Q1 TI1-SN74HC273-Q1 Datasheet
282Kb / 12P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_V02 Datasheet
274Kb / 9P
   Octal D-Type Flip-Flop with Clear
2019-01-31
logo
Texas Instruments
SN54273 TI-SN54273 Datasheet
95Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLEAR
logo
STMicroelectronics
74ACT273 STMICROELECTRONICS-74ACT273 Datasheet
77Kb / 11P
   OCTAL D-TYPE FLIP FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC273F TOSHIBA-TC74VHC273F_12 Datasheet
212Kb / 10P
   Octal D-Type Flip-Flop with Clear
logo
STMicroelectronics
M74HC273 STMICROELECTRONICS-M74HC273 Datasheet
261Kb / 11P
   OCTAL D TYPE FLIP FLOP WITH CLEAR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com