Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA04J738107Q Datasheet(PDF) 1 Page - ITT Industries

Part # CA04J738107Q
Description  Illuminated Power Rocker Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CA04J738107Q Datasheet(HTML) 1 Page - ITT Industries

  CA04J738107Q Datasheet HTML 1Page - ITT Industries CA04J738107Q Datasheet HTML 2Page - ITT Industries CA04J738107Q Datasheet HTML 3Page - ITT Industries CA04J738107Q Datasheet HTML 4Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
H-110
H
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
Models Available
Specifications
CONTACT RATING: 15 AMPS @ 125 V AC; 10 AMPS
@ 250 V AC; 1/4 HP @ 125 V AC or 250 V AC
.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
LAMP LIFE: 25,000 hours typ.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1,000 Vrms min. @ sea level.
C&K CA Series
Illuminated Power Rocker Switches
Features/Benefits
15 AMPS @ 125 V AC
Illuminated actuator
Various actuator styles
Typical Applications
Power outlet strips
Appliances
Handling and packaging machines
RoHS compliant
Materials
HOUSING: 6/6 nylon (UL 94V-2), black.
ACTUATOR: Polycarbonate (UL 94V-2), red.
CONTACTS: Coin silver, silver plated.
OPERATING TEMPERATURE: -30ºC to +85ºC
NOTE: For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages H–110 through H–113. For additional options not shown in catalog, consult Customer Service Center.
Switch Function
CA04 SPST, On-Off
CA24 DPST, On-Off
Actuator
J1 Rocker
J7 Curved rocker
Actuator Color
3 Red translucent
5 Yellow translucent
6 Green translucent
Lamp Voltage
7 125 V neon
8 250 V neon
Housing Color
2 Black
1 White
Contact Material
Q Silver
Terminations
07 Quick connect
Actuator Markings
NONE No markings
D ON-OFF
H O |
P O –


Similar Part No. - CA04J738107Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA04J7-371-07-DQ CK-COMPONENTS-CA04J7-371-07-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-HQ CK-COMPONENTS-CA04J7-371-07-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-371-07-P-Q CK-COMPONENTS-CA04J7-371-07-P-Q Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-DQ CK-COMPONENTS-CA04J7-37207-DQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
CA04J7-37207-HQ CK-COMPONENTS-CA04J7-37207-HQ Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
More results

Similar Description - CA04J738107Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
CA04J137207DQ CK-COMPONENTS-CA04J137207DQ Datasheet
202Kb / 4P
   Illuminated Power Rocker Switches
CA CK-COMPONENTS-CA Datasheet
159Kb / 4P
   Illuminated Power Rocker Switches
2003
logo
NTE Electronics
54-083 NTE-54-083 Datasheet
7Mb / 9P
   Illuminated Rocker Switches
logo
C&K Components
DM14J72S205Q3 CK-COMPONENTS-DM14J72S205Q3 Datasheet
1Mb / 4P
   Miniature Illuminated Power Rocker Switches
logo
ITT Industries
DM14J72S205Q3 ITT-DM14J72S205Q3 Datasheet
300Kb / 4P
   Miniature Illuminated Power Rocker Switches
logo
CW Industries
GRL-4022-0000 CWIND-GRL-4022-0000 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4021-0000 CWIND-GRL-4021-0000 Datasheet
179Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-1600 CWIND-GRL-4011-1600_19 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011-0000 CWIND-GRL-4011-0000 Datasheet
198Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
GRL-4011B-0000 CWIND-GRL-4011B-0000_19 Datasheet
196Kb / 2P
   4000 Series Illuminated Miniature Rocker Switches
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com