Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTH05T210WAZT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # PTH05T210WAZT
Description  30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH05T210WAZT Datasheet(HTML) 8 Page - Texas Instruments

Back Button PTH05T210WAZT Datasheet HTML 4Page - Texas Instruments PTH05T210WAZT Datasheet HTML 5Page - Texas Instruments PTH05T210WAZT Datasheet HTML 6Page - Texas Instruments PTH05T210WAZT Datasheet HTML 7Page - Texas Instruments PTH05T210WAZT Datasheet HTML 8Page - Texas Instruments PTH05T210WAZT Datasheet HTML 9Page - Texas Instruments PTH05T210WAZT Datasheet HTML 10Page - Texas Instruments PTH05T210WAZT Datasheet HTML 11Page - Texas Instruments PTH05T210WAZT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
www.ti.com
APPLICATION INFORMATION
CAPACITOR RECOMMENDATIONS FOR THE PTH05T210W POWER MODULE
Input Capacitor (Required)
TurboTrans Output Capacitor
Non-TurboTrans Output Capacitor
PTH05T210W
SLTS263D – NOVEMBER 2005 – REVISED OCTOBER 2006
The size and value of the input capacitor is determined by the converter’s transient performance capability. The
minimum amount of required input capacitance is 1000 µF, with an RMS ripple current rating of 1000 mA. This
minimum value assumes that the converter is supplied with a responsive, low inductance input source. This
source should have ample capacitive decoupling, and be distributed to the converter via PCB power and ground
planes.
For high-performance/transient applications, or wherever the input source performance is degraded, 2000 µF of
input capacitance is recommended. The additional input capacitance above the minimum level insures an
optimized performance.
Ripple current (rms) rating, less than 100 m
Ω of equivalent series resistance (ESR), and temperature are the
main considerations when selecting input capacitors. The ripple current reflected from the input of the
PTH05T210W module is moderate to low. Therefore any good quality, computer-grade electrolytic capacitor has
an adequate ripple current rating.
Regular tantalum capacitors are not recommended for the input bus. These capacitors require a recommended
minimum voltage rating of 2
× (maximum dc voltage + ac ripple). This is standard practice to ensure reliability.
No tantalum capacitors were found with a sufficient voltage rating to meet this requirement. When the operating
temperature is below 0
°C, the ESR of aluminum electrolytic capacitors increases. For these applications,
Os-Con, poly-aluminum, and polymer-tantalum types should be considered. Adding one or two ceramic
capacitors to the input attenuates high-frequency reflected ripple current.
The PTH05T210W requires a minimum output capacitance of 470
µF. The required capacitance above 470µF is
determined by actual transient deviation requirements.
TurboTrans allows the designer to optimize the capacitance load according to the system transient design
requirement. High quality, ultra-low ESR capacitors are required to maximize TurboTrans effectiveness.
Capacitors with a capacitance (
µF) × ESR (mΩ) product of ≤ 10,000 mΩ×µF are required.
Working Example:
A bank of 6 identical capacitors, each with a capacitance of 680
µF and 5 mΩ ESR, has a C × ESR product of
3400
µFxmΩ (680 µF × 5 mΩ).
Using TurboTrans in conjunction with the high quality capacitors (capacitance (
µF) × ESR (mΩ)) reduces the
overall capacitance requirement while meeting the minimum transient amplitude level.
Table 1 includes a preferred list of capacitors by type and vendor. See the Output Bus / TurboTrans column.
Note: See the TurboTrans Technology Application Notes within this document for selection of specific
capacitance.
The PTH05T210W requires a minimum output capacitance of 470
µF. Non-TurboTrans applications must
observe minimum output capacitance ESR limits.
A combination of 200 µF of ceramic capacitors plus low ESR (15 m
Ω to 30 mΩ) Os-Con electrolytic/tantalum
type capacitors can be used. When using Polymer tantalum types, tantalum type, or Oscon types only, the
capacitor ESR bank limit is 3 m
Ω to 5 mΩ. (Note: no ceramic capacitors are required). This is necessary for the
stable operation of the regulator. Additional capacitance can be added to improve the module's performance to
load transients. High quality computer-grade electrolytic capacitors are recommended. Aluminum electrolytic
capacitors provide adequate decoupling over the frequency range, 2 kHz to 150 kHz, and are suitable when
ambient temperatures are above -20
°C. For operation below -20°C, tantalum, ceramic, or Os-Con type
capacitors are necessary.
8
Submit Documentation Feedback


Similar Part No. - PTH05T210WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
More results

Similar Description - PTH05T210WAZT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH05T210W TI-PTH05T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/ TURBOTRANS?
PTH08T210W TI-PTH08T210W_15 Datasheet
1Mb / 31P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans?
PTH08T210W TI-PTH08T210W Datasheet
1Mb / 30P
[Old version datasheet]   30-A, 5.5-V to 14-V INPUT, NON-ISOLATED, WIDE OUTPUT ADJUST, POWER MODULE w/TurboTrans
logo
Astec America, Inc
ATH30T05 ASTEC-ATH30T05 Datasheet
409Kb / 16P
   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Texas Instruments
PTH05030W TI-PTH05030W Datasheet
440Kb / 18P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
PTH05030W TI-PTH05030W_15 Datasheet
416Kb / 19P
[Old version datasheet]   30-A, 5-V Input Non-Isolated Wide-Output Adjust Power Modules
logo
Astec America, Inc
ATH30T033 ASTEC-ATH30T033 Datasheet
412Kb / 16P
   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH03030W TI-PTH03030W Datasheet
433Kb / 18P
[Old version datasheet]   30-A, 3.3-V Input Non-Isolated Wide-Output Adjust Power Module
PTH05000W TI-PTH05000W_15 Datasheet
389Kb / 14P
[Old version datasheet]   6-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Astec America, Inc
ATH15T05 ASTEC-ATH15T05 Datasheet
405Kb / 14P
   15-A, 5-V Input Non-Isolated Wide-Output Adjust Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com