Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV320DAC32IRHBT Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # TLV320DAC32IRHBT
Description  LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

TLV320DAC32IRHBT Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button TLV320DAC32IRHBT Datasheet HTML 7Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 8Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 9Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 10Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 11Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 12Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 13Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 14Page - Burr-Brown (TI) TLV320DAC32IRHBT Datasheet HTML 15Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
www.ti.com
Power-mW
-80
-70
-60
-50
-40
-30
-20
-10
0
0
100
200
300
400
500
600
V
=2.7V,
V
=1.35V
DD
CM
V
=3.6V,
V
=1.8V
DD
CM
V
=3.3V,
V
=1.65V
DD
CM
2V
2.5V
AVDD
0
0.5
1
1.5
2
2.5
3
3.5
2.5
2.7
2.9
3.1
3.3
3.5
3.7
SupplyVoltage-V
-80
-70
-60
-50
-40
-30
-20
-10
0
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
AnalogMixer Attenuation
RDAC to HPROUT SE
LDACtoHPLOUTSE
RDAC to HPROUT Diff
LDACtoHPLOUTDiff
-70
-60
-50
-40
-30
-20
-10
0
10
0
5000
10000
15000
20000
25000
30000
DACFrequencyResponse
Normalizedto1kHz
f-Frequency-Hz
TLV320DAC32
SLAS506A – NOVEMBER 2006 – REVISED NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
vs
MIC BIAS VOLTAGE
POWER
vs
(HPLCOM - HPRCOM Differential 8.2
Ω)
SUPPLY VOLTAGE
Figure 9.
Figure 10.
LEFT/RIGHT CHANNEL DAC FREQUENCY RESPONSE
HEADPHONE OUTPUT
vs
vs
FREQUENCY
ANALOG MIXER ATTENUATION
Figure 11.
Figure 12.
11
Submit Documentation Feedback


Similar Part No. - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC32IRHBT TI1-TLV320DAC32IRHBT Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32IRHBTG4 TI1-TLV320DAC32IRHBTG4 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
More results

Similar Description - TLV320DAC32IRHBT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320DAC32 TI-TLV320DAC32_15 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
TLV320DAC32 TI1-TLV320DAC32_16 Datasheet
1Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO DAC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320AIC31 BURR-BROWN-TLV320AIC31_07 Datasheet
1Mb / 77P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3105 BURR-BROWN-TLV320AIC3105_08 Datasheet
1Mb / 95P
   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLVAIC3106IRGZRG4 TI-TLVAIC3106IRGZRG4 Datasheet
1Mb / 103P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Burr-Brown (TI)
TLV320ALC31 BURR-BROWN-TLV320ALC31 Datasheet
1,008Kb / 74P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC32 BURR-BROWN-TLV320AIC32_07 Datasheet
1Mb / 87P
   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
logo
Texas Instruments
TLV320AIC3106-Q1 TI1-TLV320AIC3106-Q1 Datasheet
1Mb / 102P
[Old version datasheet]   LOW-POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
TLV320AIC3101 TI1-TLV320AIC3101 Datasheet
2Mb / 98P
[Old version datasheet]   Low-Power Stereo Audio Codec for Portable Audio/Telephony
TLV320AIC31 TI-TLV320AIC31 Datasheet
2Mb / 70P
[Old version datasheet]   LOW POWER STEREO AUDIO CODEC FOR PORTABLE AUDIO/TELEPHONY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com