Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT26DF081A-SSU Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT26DF081A-SSU
Description  8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF081A-SSU Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT26DF081A-SSU Datasheet HTML 7Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 8Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 9Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 10Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 11Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 12Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 13Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 14Page - ATMEL Corporation AT26DF081A-SSU Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
11
3600A–DFLASH–11/05
AT26DF081A [Preliminary]
Figure 8-3.
Sequential Program Mode – Status Register Polling
Figure 8-4.
Sequential Program Mode – Waiting Maximum Byte Program Time
8.3
Block Erase
A block of 4, 32, or 64 Kbytes can be erased (all bits set to the logical “1” state) in a single oper-
ation by using one of three different opcodes for the Block Erase command. An opcode of 20h is
used for a 4-Kbyte erase, an opcode of 52h is used for a 32-Kbyte erase, and an opcode of D8h
is used for a 64-Kbyte erase. Before a Block Erase command can be started, the Write Enable
command must have been previously issued to the device to set the WEL bit of the Status Reg-
ister to a logical “1” state.
To perform a Block Erase, the CS pin must first be asserted and the appropriate opcode (20h,
52h or D8h) must be clocked into the device. After the opcode has been clocked in, the three
address bytes specifying an address within the 4-, 32-, or 64-Kbyte block to be erased must be
clocked in. Any additional data clocked into the device will be ignored. When the CS pin is deas-
serted, the device will erase the appropriate block. The erasing of the block is internally self-
timed and should take place in a time of t
BLKE.
Since the Block Erase command erases a region of bytes, the lower order address bits do not
need to be decoded by the device. Therefore, for a 4-Kbyte erase, address bits A11 - A0 will be
ignored by the device and their values can be either a logical “1” or “0”. For a 32-Kbyte erase,
address bits A14 - A0 will be ignored, and for a 64-Kbyte erase, address bits A15 - A0 will be
ignored by the device. Despite the lower order address bits not being decoded by the device, the
complete three address bytes must still be clocked into the device before the CS pin is deas-
serted, and the CS pin must be deasserted on an even byte boundary (multiples of eight bits);
otherwise, the device will abort the operation and no erase operation will be performed.
CS
SI
SO
Opcode A23-16
A15-8
A7-0
05h
Data
HIGH-IMPEDANCE
Opcode
Data
05h
04h
Opcode
Data
05h
STATUS REGISTER
DATA
STATUS REGISTER
DATA
STATUS REGISTER
DATA
Seqeuntial Program Mode
Command
First Address to Program
Status Register Read
Command
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
CS
SI
SO
Opcode A23-16
A15-8
A7-0
Data
HIGH-IMPEDANCE
Opcode
Data
04h
Opcode
Data
Seqeuntial Program Mode
Command
First Address to Program
Write Disable
Command
Seqeuntial Program Mode
Command
Seqeuntial Program Mode
Command
Note: Each transition
shown for SI represents one byte (8 bits)
tBP
tBP
tBP


Similar Part No. - AT26DF081A-SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF081A-SSU ATMEL-AT26DF081A-SSU Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT26DF081A-SSU ETC2-AT26DF081A-SSU Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
More results

Similar Description - AT26DF081A-SSU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT26DF081A ATMEL-AT26DF081A_07 Datasheet
661Kb / 40P
   8-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_08 Datasheet
724Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_07 Datasheet
703Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161 Datasheet
486Kb / 31P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_06 Datasheet
577Kb / 35P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26F004 ATMEL-AT26F004_06 Datasheet
614Kb / 38P
   4-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161 ATMEL-AT26DF161_08 Datasheet
607Kb / 34P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT25DF321 ATMEL-AT25DF321 Datasheet
786Kb / 37P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF321 ATMEL-AT26DF321_06 Datasheet
585Kb / 34P
   32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
AT26DF161A ATMEL-AT26DF161A_06 Datasheet
730Kb / 41P
   16-megabit 2.7-volt Only Serial Firmware DataFlash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com