Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV322D-70TU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT49BV322D-70TU
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV322D-70TU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49BV322D-70TU Datasheet HTML 6Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 7Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 8Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 9Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 10Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 11Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 12Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 13Page - ATMEL Corporation AT49BV322D-70TU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
10
3582B–FLASH–11/05
AT49BV322D(T)
Figure 4-1.
Data Polling Algorithm
(Configuration Register = 00)
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is any sector
address within the sector being erased. During chip
erase, a valid address is any non-protected sector
address.
2. I/O7 should be rechecked even if I/O5 = “1” because
I/O7 may change simultaneously with I/O5.
START
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
I/O3, I/O5 = 1?
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
NO
NO
NO
YES
YES
YES
Program/Erase
Operation
Successful,
Device in
Read Mode
Figure 4-2.
Data Polling Algorithm
(Configuration Register = 01)
Notes:
1. VA = Valid address for programming. During a sector
erase operation, a valid address is any sector
address within the sector being erased. During chip
erase, a valid address is any non-protected sector
address.
2. I/O7 should be rechecked even if I/O5 = “1” because
I/O7 may change simultaneously with I/O5.
START
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
I/O3, I/O5 = 1?
Read I/O7 - I/O0
Addr = VA
I/O7 = Data?
Program/Erase
Operation Not
Successful, Write
Product ID
Exit Command
NO
NO
NO
YES
YES
YES
Program/Erase
Operation
Successful,
Write Product ID
Exit Command


Similar Part No. - AT49BV322D-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70CI ATMEL-AT49BV322A-70CI Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TI ATMEL-AT49BV322A-70TI Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV322D-70TU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com