Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD2955VG Datasheet(PDF) 6 Page - ON Semiconductor

Part # MTD2955VG
Description  Power MOSFET 12A, 60V P-Channel DPAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD2955VG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MTD2955VG Datasheet HTML 2Page - ON Semiconductor MTD2955VG Datasheet HTML 3Page - ON Semiconductor MTD2955VG Datasheet HTML 4Page - ON Semiconductor MTD2955VG Datasheet HTML 5Page - ON Semiconductor MTD2955VG Datasheet HTML 6Page - ON Semiconductor MTD2955VG Datasheet HTML 7Page - ON Semiconductor MTD2955VG Datasheet HTML 8Page - ON Semiconductor MTD2955VG Datasheet HTML 9Page - ON Semiconductor MTD2955VG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MTD2955V
http://onsemi.com
6
SAFE OPERATING AREA
Figure 11. Maximum Rated Forward Biased
Safe Operating Area
Figure 12. Maximum Avalanche Energy versus
Starting Junction Temperature
Figure 13. Thermal Response
Figure 14. Diode Reverse Recovery Waveform
di/dt
trr
ta
tp
IS
0.25 IS
TIME
IS
tb
TJ, STARTING JUNCTION TEMPERATURE (°C)
0.1
10
100
VDS, DRAIN−TO−SOURCE VOLTAGE (VOLTS)
25
50
75
100
125
VGS = 15 V
SINGLE PULSE
TC = 25°C
ID = 12 A
1.0
150
1.0
100
0.1
0
75
25
10
dc
100 ms
1 ms
10 ms
RDS(on) LIMIT
THERMAL LIMIT
PACKAGE LIMIT
50
175
100
125
150
175
200
225
t, TIME (s)
RqJC(t) = r(t) RqJC
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
1.0
0.1
0.01
0.2
D = 0.5
0.05
0.01
SINGLE PULSE
0.1
1.0E−05
1.0E−04
1.0E−03
1.0E−02
1.0E−01
1.0E+00
1.0E+01
0.02


Similar Part No. - MTD2955VG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MTD2955VG VBSEMI-MTD2955VG Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
More results

Similar Description - MTD2955VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
STMicroelectronics
STD12NE06 STMICROELECTRONICS-STD12NE06 Datasheet
107Kb / 10P
   N - CHANNEL 60V - 0.08ohm - 12A - IPAK/DPAK SINGLE FEATURE SIZE POWER MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
   12A, 60V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP12PF06 STMICROELECTRONICS-STP12PF06 Datasheet
85Kb / 8P
   P - CHANNEL 60V - 0.18 ohm - 12A TO-220 STripFET POWER MOSFET
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
   12A, 55V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com