Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHM Datasheet(PDF) 4 Page - ITT Industries

Part # CHM
Description  2.0 CONNECTOR SYSTEM
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

CHM Datasheet(HTML) 4 Page - ITT Industries

  CHM Datasheet HTML 1Page - ITT Industries CHM Datasheet HTML 2Page - ITT Industries CHM Datasheet HTML 3Page - ITT Industries CHM Datasheet HTML 4Page - ITT Industries CHM Datasheet HTML 5Page - ITT Industries CHM Datasheet HTML 6Page - ITT Industries CHM Datasheet HTML 7Page - ITT Industries CHM Datasheet HTML 8Page - ITT Industries CHM Datasheet HTML 9Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
CHM 2.0
Connector System acc to IEC 61076-4-101
4
Dimensions are mm
Subject to changes
y
t
il
i
b
a
r
u
d
l
a
c
i
n
a
h
c
e
M
s
e
l
c
y
C
g
n
i
t
a
M
0
5
2
>
g
n
i
s
u
o
H
0
-
V
4
9
L
U
.
c
c
a
d
e
ll
i
f
s
s
a
l
G
r
e
t
s
e
y
l
o
P
5
-
2
1
5
C
E
I
o
t
.
c
c
a
e
c
n
a
t
s
i
s
e
r
t
c
a
t
n
o
C
m
0
2
.
x
a
m
l
a
i
r
e
t
a
m
t
c
a
t
n
o
C
t
c
a
t
n
o
c
e
l
a
M
e
z
n
o
r
B
t
c
a
t
n
o
c
e
l
a
m
e
F
e
z
n
o
r
B
e
c
a
f
r
u
s
t
c
a
t
n
o
c
e
l
a
m
e
f
d
n
a
e
l
a
M
i
N
r
e
v
o
i
N
d
P
r
e
v
o
u
A
e
c
n
a
t
s
i
s
e
r
n
o
i
t
a
l
u
s
n
I
5
-
2
1
5
C
E
I
.
c
c
a
t
c
a
t
n
o
C
/
t
c
a
t
n
o
C0
1
.
n
i
m
4 M
d
l
e
i
h
S
/
t
c
a
t
n
o
C0
1
.
n
i
m
4 M
n
i
p
r
e
p
e
c
r
o
f
n
o
i
t
r
e
s
n
I
t
c
a
t
n
o
C
N
5
7
,
0
.
x
a
m
d
l
e
i
h
S
N
1
.
x
a
m
n
i
p
r
e
p
e
c
r
o
f
n
o
i
t
c
a
r
t
x
E
t
c
a
t
n
o
C
N
5
1
,
0
.
n
i
m
d
l
e
i
h
S
N
5
1
,
0
.
n
i
m
g
n
i
c
a
p
S
m
m
2
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
T
C
°
5
2
1
+
s
i
b
C
°
5
5
-
y
t
il
i
b
a
r
u
d
l
a
c
i
n
a
h
c
e
M
s
e
l
c
y
C
g
n
i
t
a
M
0
5
2
>
Technical Data
e
g
a
t
l
o
v
t
s
e
T
d
e
d
a
o
l
y
ll
u
fn
o
i
t
i
s
o
p
d
n
2
y
r
e
v
ed
r
a
o
b
s
s
e
h
C
e
,
c
,
a
w
o
R
d
,
b
w
o
R
w
o
r
n
i
h
t
i
wV
0
5
7
f
f
e
V
0
0
5
1
f
f
e
-
-
s
w
o
r
n
e
e
w
t
e
bV
0
0
5
1
f
f
e
V
0
0
5
1
f
f
e
-
-
c
,
b
,
a
w
o
R
d
,
c
,
b
,
a
w
o
R
e
,
d
,
c
,
b
,
a
w
o
R
w
o
r
n
i
h
t
i
wV
0
5
7
f
f
e
V
0
0
5
1
f
f
e
V
0
0
5
1
f
f
e
s
w
o
r
n
e
e
w
t
e
bV
0
5
7
f
f
e
V
0
5
7
f
f
e
V
0
0
2
1
f
f
e
Test voltage
s
p
a
g
r
i
a
d
n
a
-
e
g
a
p
e
e
r
C
d
e
d
a
o
l
y
ll
u
fn
o
t
i
s
o
p
d
n
2
y
r
e
v
ed
r
a
o
b
s
s
e
h
C
r
o
t
c
e
n
n
o
c
e
l
a
M
s
e
l
u
d
o
M
r
o
t
c
e
n
n
o
c
e
l
a
m
e
F
e
l
a
M
e
n
a
l
p
k
c
a
B
r
o
t
c
e
n
n
o
c
e
l
a
m
e
F
s
e
l
u
d
o
M
r
o
t
c
e
n
n
o
c
e
l
a
M
e
n
a
l
p
k
c
a
B
r
o
t
c
e
n
n
o
c
e
l
a
m
e
F
s
e
l
u
d
o
M
r
o
t
c
e
n
n
o
c
e
,
c
,
a
w
o
R
d
,
b
w
o
R
w
o
r
n
i
h
t
i
wm
m
8
,
0m
m
6
,
0m
m
5
,
2m
m
5
,
2-
--
-
s
w
o
r
n
e
e
w
t
e
bm
m
5
,
2m
m
5
,
2m
m
5
,
2m
m
5
,
2-
--
-
c
,
b
,
a
w
o
R
d
,
c
,
b
,
a
w
o
R
e
,
d
,
c
,
b
,
a
w
o
R
w
o
r
n
i
h
t
i
wm
m
8
,
0m
m
6
,
0m
m
5
,
2m
m
5
,
2m
m
5
,
2m
m
5
,
2
s
w
o
r
n
e
e
w
t
e
bm
m
8
,
0m
m
6
,
0m
m
8
,
0m
m
6
,
0m
m
5
,
1m
m
2
,
1
Creepage- and air gaps
> 500 Mating Cycles
> 250 Mating Cycles
Performance class 1
Performance class 2
Electrical and mechanical data


Similar Part No. - CHM

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CHM-04C-03 CITIZEN-CHM-04C-03 Datasheet
511Kb / 1P
   Electret Condenser Microphone(Omnidirectional)
logo
Luminus, Inc
CHM-11-27-80-36-XH20-F3-3 LUMINUS-CHM-11-27-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-90-36-XH20-F3-3 LUMINUS-CHM-11-27-90-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-27-95-36-XH20-F3-3 LUMINUS-CHM-11-27-95-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
CHM-11-30-80-36-XH20-F3-3 LUMINUS-CHM-11-30-80-36-XH20-F3-3 Datasheet
1,006Kb / 10P
   LED High Density White COB Array
More results

Similar Description - CHM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA335W STMICROELECTRONICS-STA335W Datasheet
1Mb / 43P
   2.0-channel high-efficiency digital audio system
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
logo
Axiomtek Co., Ltd.
EBOX638-840-FL AXIOMTEK-EBOX638-840-FL_17 Datasheet
330Kb / 1P
   Fanless Embedded System with Intel Celeron Processor J1900 2.0 GHz
EBOX560-900-FL AXIOMTEK-EBOX560-900-FL Datasheet
375Kb / 1P
   Fanless Edge System with NVIDIA짰 JETSON??TX2, 1 HDMI 2.0, 2 GbE LANs and 1 USB 2.0
logo
Assmann Electronics Inc...
A-USBB-2-M4-H-R ASSMANN-A-USBB-2-M4-H-R Datasheet
66Kb / 1P
   USB 2.0 Mini Connector
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com