Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT89S8253-24AU Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89S8253-24AU
Description  8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89S8253-24AU Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89S8253-24AU Datasheet HTML 6Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 7Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 8Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 9Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 10Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 11Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 12Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 13Page - ATMEL Corporation AT89S8253-24AU Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
10
3286H–MICRO–9/05
AT89S8253
In addition, during EEPROM programming, an attempted read from the EEPROM will fetch the
byte being written with the MSB complemented. Once the write cycle is completed, true data are
valid at all bit locations.
6.1
Memory Control Register
The EECON register contains control bits for the 2K bytes of on-chip data EEPROM. It also con-
tains the control bit for the dual data pointer.
Figure 6-1.
Data EEPROM Write Sequence
Table 6-1.
EECON – Data EEPROM Control Register
EECON Address = 96H
Reset Value = XX00 0011B
Not Bit Addressable
Bit
EELD
EEMWE
EEMEN
DPS
RDY/BSY
WRTINH
76543
2
1
0
Symbol
Function
EELD
EEPROM data memory load enable bit. Used to implement Page Mode Write. A MOVX instruction writing into the data
EEPROM will not initiate the programming cycle if this bit is set, rather it will just load data into the volatile data buffer of
the data EEPROM memory. Before the last MOVX, reset this bit and the data EEPROM will program all the bytes
previously loaded on the same page of the address given by the last MOVX instruction.
EEMWE
EEPROM data memory write enable bit. Set this bit to 1 before initiating byte write to on-chip EEPROM with the MOVX
instruction. User software should set this bit to 0 after EEPROM write is completed.
EEMEN
Internal EEPROM access enable. When EEMEN = 1, the MOVX instruction with DPTR will access on-chip EEPROM
instead of external data memory if the address used is less than 2K. When EEMEN = 0 or the address used is
≥ 2K,
MOVX with DPTR accesses external data memory.
DPS
Data pointer register select. DPS = 0 selects the first bank of data pointer register, DP0, and DPS = 1 selects the
second bank, DP1.
RDY/BSY
RDY/BSY (Ready/Busy) flag for the data EEPROM memory. This is a read-only bit which is cleared by hardware during
the programming cycle of the on-chip EEPROM. It is also set by hardware when the programming is completed. Note
that RDY/BSY will be cleared long after the completion of the MOVX instruction which has initiated the programming
cycle.
WRTINH
WRTINH (Write Inhibit) is a READ-ONLY bit which is cleared by hardware when Vcc is too low for the programming cycle
of the on-chip EEPROM to be executed. When this bit is cleared, an ongoing programming cycle will be aborted or a
new programming cycle will not start.
01
2
330
31
EEMWE
EEMEN
EELD
MOVX DATA
RDY/BSY
4 ms
~


Similar Part No. - AT89S8253-24AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253-24AU ATMEL-AT89S8253-24AU Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253-24AU ATMEL-AT89S8253-24AU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S8253-24AU ATMEL-AT89S8253-24AU Datasheet
1Mb / 60P
   8-bit Microcontroller with 12 Kbyte Flash
More results

Similar Description - AT89S8253-24AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S8253 ATMEL-AT89S8253_08 Datasheet
1Mb / 59P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S8253 ATMEL-AT89S8253_07 Datasheet
759Kb / 56P
   8-bit Microcontroller with 12K Bytes Flash and 2K Bytes EEPROM
AT89S53 ATMEL-AT89S53 Datasheet
471Kb / 32P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_00 Datasheet
448Kb / 33P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53 Datasheet
490Kb / 31P
   8-Bit Microcontroller with 12K Bytes Flash
AT89S8253 ATMEL-AT89S8253_09 Datasheet
1Mb / 60P
   8-bit Microcontroller with 12K Bytes Flash
AT89S53 ATMEL-AT89S53_06 Datasheet
637Kb / 35P
   8-bit Microcontroller with 12K Bytes Flash
AT89LS53 ATMEL-AT89LS53_06 Datasheet
685Kb / 35P
   8-Bit Microcontroller with 12K Bytes Flash
AT89LP216 ATMEL-AT89LP216_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
AT89LP213 ATMEL-AT89LP213_09 Datasheet
2Mb / 98P
   8-bit Microcontroller with 2K Bytes Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com