Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

55410 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 55410
Description  N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

55410 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button 55410 Datasheet HTML 2Page - California Eastern Labs 55410 Datasheet HTML 3Page - California Eastern Labs 55410 Datasheet HTML 4Page - California Eastern Labs 55410 Datasheet HTML 5Page - California Eastern Labs 55410 Datasheet HTML 6Page - California Eastern Labs 55410 Datasheet HTML 7Page - California Eastern Labs 55410 Datasheet HTML 8Page - California Eastern Labs 55410 Datasheet HTML 9Page - California Eastern Labs 55410 Datasheet HTML 10Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
S-PARAMETERS
S-parameters/Noise parameters are provided on the NEC Compound Semiconductor Devices Web site in a form
(S2P) that enables direct import to a microwave circuit simulator without keyboard input.
Click here to download S-parameters.
[RF and Microwave]
→ [Device Parameters]
URL http://www.ncsd.necel.com/
Data Sheet PU10542EJ02V0DS
6
NE55410GR


Similar Part No. - 55410

ManufacturerPart #DatasheetDescription
logo
ebm-papst
55410.70305 EBMPAPST-55410.70305 Datasheet
308Kb / 1P
   Crossflow Blower
55410.81051 EBMPAPST-55410.81051 Datasheet
308Kb / 1P
   Crossflow Blower
55410.81390 EBMPAPST-55410.81390 Datasheet
308Kb / 1P
   Crossflow Blower
55410.91161 EBMPAPST-55410.91161 Datasheet
308Kb / 1P
   Crossflow Blower
55410.91162 EBMPAPST-55410.91162 Datasheet
308Kb / 1P
   Crossflow Blower
More results

Similar Description - 55410

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE55410GR CEL-NE55410GR_07 Datasheet
580Kb / 14P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NE55410GR RENESAS-NE55410GR Datasheet
317Kb / 15P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
NEC
NE55410GR NEC-NE55410GR Datasheet
186Kb / 13P
   N-CHANNEL SILICON POWER LDMOS FET FOR 2 W 10 W VHF to L-BAND SINGLE-END POWER AMPLIFIER
logo
Renesas Technology Corp
NES1823S-45 RENESAS-NES1823S-45 Datasheet
239Kb / 10P
   GaAs FET 45 W L, S-BAND SINGLE-END POWER GaAs FET
2004
NES1823S-90 RENESAS-NES1823S-90 Datasheet
242Kb / 10P
   GaAs FET 90 W L, S-BAND SINGLE-END POWER GaAs FET
2004
logo
NEC
NE6501077 NEC-NE6501077 Datasheet
37Kb / 6P
   10 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Sanyo Semicon Device
LA4278 SANYO-LA4278 Datasheet
74Kb / 6P
   10 W 2-Channel Power Amplifier
logo
NEC
NE6500496 NEC-NE6500496 Datasheet
37Kb / 6P
   4 W L, S-BAND POWER GaAs FET N-CHANNEL GaAs MES FET
logo
Renesas Technology Corp
NE5531079A RENESAS-NE5531079A Datasheet
240Kb / 11P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
logo
California Eastern Labs
NE5531079A CEL-NE5531079A Datasheet
382Kb / 8P
   7.5 V OPERATION SILICON RF POWER LDMOS FET FOR UHF-BAND 10 W TRANSMISSION AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com