Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MB81F643242B-10FN-X Datasheet(PDF) 9 Page - Fujitsu Component Limited.

Part # MB81F643242B-10FN-X
Description  MEMORY CMOS 4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB81F643242B-10FN-X Datasheet(HTML) 9 Page - Fujitsu Component Limited.

Back Button MB81F643242B-10FN-X Datasheet HTML 5Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 6Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 7Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 8Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 9Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 10Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 11Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 12Page - Fujitsu Component Limited. MB81F643242B-10FN-X Datasheet HTML 13Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
9
MB81F643242B-10FN-X Advanced Info (AE0.3E)
(Continued)
(Continued)
Current
State
CS
RAS CAS
WE
Addr
Command
Function
Notes
Read with
Auto-
precharge
HX
X
X
X
DESL
NOP (Continue Burst to End
Precharge
→ Idle)
LH
H
H
X
NOP
NOP (Continue Burst to End
Precharge
→ Idle)
L
H
H
L
X
BST
Illegal
L
H
L
H
BA, CA, AP
READ/READA
Illegal
*2
L
H
L
L
BA, CA, AP
WRIT/WRITA
Illegal
*2
L
L
H
H
BA, RA
ACTV
Illegal
*2
L
L
H
L
BA, AP
PRE/PALL
Illegal
*2
L
L
L
H
X
REF/SELF
Illegal
L
L
L
L
MODE
MRS
Illegal
Write with
Auto-
precharge
HX
X
X
X
DESL
NOP (Continue Burst to End
Precharge
→ Idle)
LH
H
H
X
NOP
NOP (Continue Burst to End
Precharge
→ Idle)
L
H
H
L
X
BST
Illegal
L
H
L
H
BA, CA, AP
READ/READA
Illegal
*2
L
H
L
L
BA, CA, AP
WRIT/WRITA
Illegal
*2
L
L
H
H
BA, RA
ACTV
Illegal
*2
L
L
H
L
BA, AP
PRE/PALL
Illegal
*2
L
L
L
H
X
REF/SELF
Illegal
L
L
L
L
MODE
MRS
Illegal


Similar Part No. - MB81F643242B-10FN-X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
MB81F643242C-10 FUJITSU-MB81F643242C-10 Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
MB81F643242C-60 FUJITSU-MB81F643242C-60 Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
MB81F643242C-70 FUJITSU-MB81F643242C-70 Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
More results

Similar Description - MB81F643242B-10FN-X

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB81F643242C FUJITSU-MB81F643242C Datasheet
1,001Kb / 56P
   4 X 512 K X 32 BIT SYNCHRONOUS DYNAMIC RAM
logo
Integrated Silicon Solu...
IS42S32160A ISSI-IS42S32160A Datasheet
1Mb / 60P
   4M Words x 32 Bits x 4 Banks (512-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
MOSAIC
PUMA68SV16000X-020 MOSAIC-PUMA68SV16000X-020 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
PUMA68S16000XB-012 MOSAIC-PUMA68S16000XB-012 Datasheet
156Kb / 12P
   512 K x 32 Static RAM
PUMA68SV16000XB-012 MOSAIC-PUMA68SV16000XB-012 Datasheet
158Kb / 12P
   512 K x 32 Static RAM
logo
OKI electronic componet...
MD56V62320 OKI-MD56V62320 Datasheet
414Kb / 30P
   4-Bank x 524,288-Word x 32-Bit SYNCHRONOUS DYNAMIC RAM
logo
Siemens Semiconductor G...
HYB514256B SIEMENS-HYB514256B Datasheet
215Kb / 22P
   256 K x 4-Bit Dynamic RAM Low Power 256 K x 4-Bit Dynamic RAM
logo
MOSAIC
PUMA68S16000X-020 MOSAIC-PUMA68S16000X-020 Datasheet
157Kb / 12P
   512 K x 32 Static RAM
SYS32512ZK-010 MOSAIC-SYS32512ZK-010 Datasheet
259Kb / 11P
   512 K x 32 Static RAM
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
   FLASH MEMORY CMOS 4 M (512 K X 8) BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com