Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTD2955V-1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # MTD2955V-1
Description  Power MOSFET 12A, 60V P-Channel DPAK
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MTD2955V-1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button MTD2955V-1 Datasheet HTML 2Page - ON Semiconductor MTD2955V-1 Datasheet HTML 3Page - ON Semiconductor MTD2955V-1 Datasheet HTML 4Page - ON Semiconductor MTD2955V-1 Datasheet HTML 5Page - ON Semiconductor MTD2955V-1 Datasheet HTML 6Page - ON Semiconductor MTD2955V-1 Datasheet HTML 7Page - ON Semiconductor MTD2955V-1 Datasheet HTML 8Page - ON Semiconductor MTD2955V-1 Datasheet HTML 9Page - ON Semiconductor MTD2955V-1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MTD2955V
http://onsemi.com
10
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MTD2955V/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MTD2955V-1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTD2955V MOTOROLA-MTD2955V Datasheet
148Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.230 OHM
logo
Fairchild Semiconductor
MTD2955V FAIRCHILD-MTD2955V Datasheet
380Kb / 6P
   P-Channel Enhancement Mode Field Effect Transistor
logo
Inchange Semiconductor ...
MTD2955V ISC-MTD2955V Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
MTD2955VG VBSEMI-MTD2955VG Datasheet
1,004Kb / 8P
   N-Channel 60 V (D-S) MOSFET
MTD2955VT4G VBSEMI-MTD2955VT4G Datasheet
988Kb / 8P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - MTD2955V-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
   N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
Zetex Semiconductors
ZXMP6A16K ZETEX-ZXMP6A16K Datasheet
587Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMP6A16K DIODES-ZXMP6A16K Datasheet
575Kb / 8P
   60V DPAK P-channel enhancement mode MOSFET
logo
STMicroelectronics
STD12NE06 STMICROELECTRONICS-STD12NE06 Datasheet
107Kb / 10P
   N - CHANNEL 60V - 0.08ohm - 12A - IPAK/DPAK SINGLE FEATURE SIZE POWER MOSFET
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
   N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
STD12NF06-1 STMICROELECTRONICS-STD12NF06-1 Datasheet
333Kb / 14P
   N-channel 60V - 0.08廓 - 12A - DPAK - IPAK STripFET??II Power MOSFET
logo
Unisonic Technologies
12N06Z UTC-12N06Z Datasheet
194Kb / 3P
   12A, 60V N-CHANNEL POWER MOSFET
logo
STMicroelectronics
STP12PF06 STMICROELECTRONICS-STP12PF06 Datasheet
85Kb / 8P
   P - CHANNEL 60V - 0.18 ohm - 12A TO-220 STripFET POWER MOSFET
logo
Unisonic Technologies
UF9Z24 UTC-UF9Z24 Datasheet
155Kb / 3P
   12A, 55V P-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com