Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1692IPW Datasheet(PDF) 2 Page - Mitsumi Electronics, Corp.

Part # LX1692IPW
Description  Full Bridge Resonant CCFL Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

LX1692IPW Datasheet(HTML) 2 Page - Mitsumi Electronics, Corp.

  LX1692IPW Datasheet HTML 1Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 2Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 3Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 4Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 5Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 6Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 7Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 8Page - Mitsumi Electronics, Corp. LX1692IPW Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
LX1692
PRODUCTION DATA SHEET
Microsemi
Integrated Products Division
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2004
Rev. 1.1, 2/9/2006
Full Bridge Resonant CCFL Controller
TM
®
ABSOLUTE MAXIMUM RATINGS
Supply Input Voltage(VDDP)............................................................................................. 6.6V
VIN_SNS
.........................................................-0.3V to (VDDP+0.5V), not to exceed +6.6V
Digital Input (ENABLE) ................................... -0.3V to (VDDP+0.5V) , not to exceed +6.6V
Analog Inputs (ISNS, OV_SNS, OC_SNS)clamped to ±14V Max Peak Current ±100mA
Analog Inputs (BRITE_A, BRITE_D) ............. -0.3V to (VDDP +0.5V) , not to exceed +6.6V
Digital Outputs (AOUT, BOUT, COUT, DOUT) -0.3V to (VDDP +0.5V) , not to exceed +6.6V
Analog Outputs (I_R, ICOMP, VCOMP)........ -0.3V to (VDDP + 0.5V) , not to exceed +6.6V
Maximum Operating Junction Temperature .....................................................................150°C
Storage Temperature Range....................................................................................-65 to 150°C
Peak Package Solder Reflow Temp.(40 seconds max. exposure) .........................260°C(+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect
to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERMAL DATA
DW Plastic SOIC 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
85
°C/W
PW Plastic TSSOP 20-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θ
JA
99
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJA).
The
θ
JA numbers are guidelines for the thermal performance of the device/pc-board system. All of the
above assume no ambient airflow.
PACKAGE PIN OUT
C_R
I_R
C_BST
C_TO
VDDA
ENABLE
BRITE_D
ICOMP
VIN_SNS
OC_SNS
OV_SNS
ISNS
DOUT
COUT
BOUT
AOUT
1
10
11
20
VCOMP
BRITE_A
GND
VDDP
PW PACKAGE
(Top View)
1
10
11
20
9
8
7
6
5
4
3
2
12
13
14
15
16
17
18
19
C_R
I_R
C_BST
C_TO
VDDA
ENABLE
BRITE_D
ICOMP
VCOMP
BRITE_A
VIN_SNS
OC_SNS
OV_SNS
ISNS
DOUT
COUT
BOUT
AOUT
GND
VDDP
DW PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
Name
Description
C_R
Lamp Frequency Programming Capacitor Pin – lamp running frequency is set by the combination of C_R and
I_R. The internal lamp current oscillator frequency can be forced to follow an external clock signal at this pin. In
this case, the programmed frequency must be lower than the external frequency. Minimum pulse width for
external synch signal is 1µsec. Maximum duty is 50%
I_R
Current Reference Resistor Input. Connects to an external resistor that determines the magnitude of internal
bias currents. The I_R pin is a DC reference voltage of 1V. This voltage cannot be used for other than its
intended function. The reference current established at this pin by connecting an external resistor is used to
charge a capacitor at the C_R pin. The nominal lamp frequency can be adjusted by varying this resistor value in
the range of 20K to 100K Ohms. (Note: C is in pF, R is in
Ω
K
, Freq is in KHz).
R
_
I
R
_
C
3
LAMP
R
C
10
242
F
×
=
Other reference currents derived from I_R are used for the digital dimming burst oscillator and the strike time
out function.


Similar Part No. - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1692IPW MICROSEMI-LX1692IPW Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
More results

Similar Description - LX1692IPW

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX6504 MICROSEMI-LX6504 Datasheet
180Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1696A MICROSEMI-LX1696A Datasheet
97Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692A MICROSEMI-LX1692A Datasheet
98Kb / 2P
   Full Bridge Resonant CCFL Controller
LX1692B MICROSEMI-LX1692B Datasheet
305Kb / 13P
   Full Bridge Resonant CCFL Controller
LX1692F MICROSEMI-LX1692F Datasheet
196Kb / 2P
   TM Full Bridge Resonant CCFL Controller
LX1692 MICROSEMI-LX1692 Datasheet
315Kb / 15P
   TM Full Bridge Resonant CCFL Controller
logo
Monolithic Power System...
MP1038 MPS-MP1038 Datasheet
34Kb / 1P
   Full Bridge CCFL Controller
logo
Maxim Integrated Produc...
MAX8751 MAXIM-MAX8751 Datasheet
732Kb / 27P
   Fixed-Frequency, Full-Bridge CCFL Inverter Controller
Rev 0; 8/05
logo
Texas Instruments
TPS68000 TI1-TPS68000_13 Datasheet
629Kb / 26P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
TPS68000 TI-TPS68000 Datasheet
337Kb / 13P
[Old version datasheet]   HIGHLY EFFICIENT PHASE SHIFT FULL BRIDGE CCFL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com