Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8660A Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX8660A
Description  High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8660A Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX8660A Datasheet HTML 1Page - Maxim Integrated Products MAX8660A Datasheet HTML 2Page - Maxim Integrated Products MAX8660A Datasheet HTML 3Page - Maxim Integrated Products MAX8660A Datasheet HTML 4Page - Maxim Integrated Products MAX8660A Datasheet HTML 5Page - Maxim Integrated Products MAX8660A Datasheet HTML 6Page - Maxim Integrated Products MAX8660A Datasheet HTML 7Page - Maxim Integrated Products MAX8660A Datasheet HTML 8Page - Maxim Integrated Products MAX8660A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
High-Efficiency, Low-IQ, PMICs with Dynamic
Voltage Management for Mobile Applications
4
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = VIN5 = VIN67 = VIN8 = 3.6V, Figure 3, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: LX_ has internal clamp diodes to PG_ and PV_. Applications that forward bias these diodes must take care not to exceed
the IC’s package power-dissipation limits.
IN, IN5, IN6, IN67, EN2, EN34, EN5, LBO, RSO, MR, SET1,
SET2, V1, V2, V3, V4, SCL, SDA,
SRAD to AGND..................................................-0.3V to +7.5V
LBF, LBR, EN1, RAMP to AGND .................-0.3V to (VIN + 0.3V)
V8 to AGND................................................-0.3V to (VIN8 + 0.3V)
V5 to AGND................................................-0.3V to (VIN5 + 0.3V)
V6, V7 to AGND........................................-0.3V to (VIN67 + 0.3V)
PV1 to PG1 ............................................................-0.3V to +7.5V
PV2 to PG2 ............................................................-0.3V to +7.5V
PV3 to PG3 ............................................................-0.3V to +7.5V
PV4 to PG4 ............................................................-0.3V to +7.5V
PV, PV1, PV2, PV3, PV4, IN8 to IN ........................-0.3V to +0.3V
LX1 Continuous RMS Current (Note 1) .................................2.3A
LX2 Continuous RMS Current (Note 1) .................................2.0A
LX3 Continuous RMS Current (Note 1) .................................2.6A
LX4 Continuous RMS Current (Note 1) .................................1.0A
PG1, PG2, PG3, PG4, EP to AGND.......................-0.6V to +0.6V
GND to AGND ......................................................-0.3V to +0.3V
All REGx Output Short-Circuit Duration......................Continuous
Continuous Power Dissipation (TA = +70°C)
40-Pin Thin QFN (derate 35.7mW/°C above +70°C).....2857mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PV1, PV2, PV3, PV4, IN, IN8
Supply Voltage Range
VIN
PV1, PV2, PV3, PV4, IN, and IN8 must be
connected together externally
2.6
6.0
V
VIN rising
2.250
2.400
2.550
IN Undervoltage-Lockout
Threshold
VUVLO
VIN falling
2.200
2.350
2.525
V
VIN rising
6.20
6.35
6.50
IN Overvoltage-Lockout
Threshold
VOVLO
VIN falling
6.00
6.15
6.30
V
Only V8 on (deep-sleep
power mode)
20
V1, V2, and V8 on;
V1 and V2 in normal (skip)
operating mode
50
V1, V2, V5, and V8 on
(sleep power mode);
V1 and V2 in normal (skip)
operating mode
90
V1, V2, V3, V4, V5, and V8 on
(run power mode);
V1, V2, V3, and V4 in normal
(skip) operating mode
140
No load;
SDA = SCL = V8
V1, V2, V3, V4, V5, V6, V7,
and V8 (all on);
V1, V2, V3, and V4 in normal
(skip) operating mode
250
Undervoltage lockout, VIN = 2.2V
1.5
Input Current
IIN+
IPV1+IPV2+
IPV3+IPV4+
IIN5+
IIN67+ IIN8
Overvoltage lockout, VIN = 6.5V
25
µA


Similar Part No. - MAX8660A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8660A MAXIM-MAX8660A Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
More results

Similar Description - MAX8660A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8660 MAXIM-MAX8660_09 Datasheet
826Kb / 43P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
Rev 2; 8/09
MAX8660 MAXIM-MAX8660_V01 Datasheet
1Mb / 44P
   High-Efficiency, Low-IQ, PMICs with Dynamic Voltage Management for Mobile Applications
2012
MAX1586A MAXIM-MAX1586A Datasheet
656Kb / 32P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 1; 12/03
MAX1586A MAXIM-MAX1586A_08 Datasheet
482Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 3; 12/08
MAX1586A MAXIM-MAX1586A_09 Datasheet
677Kb / 30P
   High-Efficiency, Low-IQ PMICs with Dynamic Core for PDAs and Smart Phones
Rev 4; 4/09
logo
uPI Group Inc.
UP6636Q UPI-UP6636Q Datasheet
963Kb / 42P
   High Efficiency PMIC with Dynamic Voltage Management
UP6641Q UPI-UP6641Q Datasheet
1Mb / 48P
   High Efficiency PMIC with Dynamic Voltage Management
logo
Maxim Integrated Produc...
MAX8588 MAXIM-MAX8588 Datasheet
572Kb / 31P
   High-Efficiency, Low-IQ PMIC with Dynamic Core for PDAs and Smartphones
Rev 0; 3/05
logo
RRC power solutions Ltd...
RRC-PMM240 RRC-RRC-PMM240 Datasheet
180Kb / 3P
   Power Management Module for Mobile Applications
logo
NXP Semiconductors
PMICFS NXP-PMICFS Datasheet
242Kb / 3P
   POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com