Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX5096BAUP+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5096BAUP+
Description  40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5096BAUP+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5096BAUP+ Datasheet HTML 6Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 7Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 8Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 9Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 10Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 11Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 12Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 13Page - Maxim Integrated Products MAX5096BAUP+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
40V, 600mA Buck Converters with Low-
Quiescent-Current Linear Regulator Mode
10
______________________________________________________________________________________
+
-
-
+
-
-
+
+
-
- +
gm
VREF
0.9
CURRENT
LIMITER
RESET
INTERNAL
4V LDO
BP
IN
ADJ
LX
RESET
GATE
DRIVER
MUX
EN
PGND
LDO/BUCK
L
VOUT
CIN
PWM
COUT
SYNC
CT
SS
0.12V
FEEDBACK
SELECTOR
BUCK MODE GM
AMPLIFIER
FB
LDO/BUCK
SELECTOR
PWM
COMPARATOR
DC-DC ENABLE
OSCILLATOR
AND RAMP
GENERATOR
MODE
SELECTOR
SS
OUT
LDO MODE
AMPLIFIER
SS
DC
CURRENT
SENSE
COMP
RC
CC
VOUT
SGND
VIN
FB
SYNCRO
CBP
R2
RPU
R1
CSS
CCT
BIAS SOFT-
START
INTERNAL
BANDGAP
UVLO
THERMAL
PROTECTION
VREF
MAX5096
MAX5097
CP
Figure 1. Simplified Diagram


Similar Part No. - MAX5096BAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096BAUP++ MAXIM-MAX5096BAUP+ Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
MAX5096BAUP++ MAXIM-MAX5096BAUP+ Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5096BAUP++ MAXIM-MAX5096BAUP+ Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
More results

Similar Description - MAX5096BAUP+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5096_0709 MAXIM-MAX5096_0709 Datasheet
532Kb / 21P
   40V, 600mA Buck Converters with Low- Quiescent-Current Linear Regulator Mode
Rev 2; 9/07
MAX5096 MAXIM-MAX5096_V01 Datasheet
1Mb / 18P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
2015
MAX5096 MAXIM-MAX5096_07 Datasheet
493Kb / 20P
   40V, 600mA Buck Converters with Low-Quiescent-Current Linear Regulator Mode
Rev 1; 6/07
logo
Intersil Corporation
ISL80136IBEAJZ INTERSIL-ISL80136IBEAJZ Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
ISL80138 INTERSIL-ISL80138_14 Datasheet
336Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
January 11, 2012
logo
Monolithic Power System...
MP2013 MPS-MP2013 Datasheet
668Kb / 15P
   40V, 150mA, Low Quiescent Current Linear Regulator
logo
Intersil Corporation
ISL80138 INTERSIL-ISL80138 Datasheet
418Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Freescale Semiconductor...
34727 FREESCALE-34727 Datasheet
1Mb / 19P
   600mA High Efficiency Low Quiescent Current Synchronous Buck Regulator With Z-mode
logo
Altera Corporation
EY1603 ALTERA-EY1603 Datasheet
824Kb / 10P
   40V, Low Quiescent Current, 150mA Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com