Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPMZ2202GS Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPMZ2202GS
Description  200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPMZ2202GS Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPMZ2202GS Datasheet HTML 1Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 2Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 3Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 4Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 5Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 6Page - Freescale Semiconductor, Inc MPMZ2202GS Datasheet HTML 7Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MPMZ2202
Sensors
4
Freescale Semiconductor
LINEARITY
Linearity refers to how well a transducer's output follows
the equation: VOUT = VOFF + sensitivity x P over the operating
pressure range. There are two basic methods for calculating
nonlinearity: (1) end point straight line fit (see Figure 2) or
(2) a least squares best line fit. While a least squares fit gives
the “best case” linearity error (lower numerical value), the
calculations required are burdensome.
Conversely, an end point fit will give the “worst case” error
(often more desirable in error budget calculations) and the
calculations are more straightforward for the user. The
specified pressure sensor linearities are based on the end
point straight line method measured at the midrange
pressure.
Operating characteristics, internal reliability and
qualification tests are based on use of dry clean air
as the pressure media. Media other than dry clean
air may have adverse ef fect s on se nsor
performance and long term reliability. Contact the
factory for information regarding media compatibility
in your application.
Figure 2. Linearity Specification Comparison
ON-CHIP TEMPERATURE COMPENSATION AND
CALIBRATION
Figure 3 shows the minimum, maximum and typical output
characteristics of the MPMZ2202 series at 25
°C. The output
is directly proportional to the differential pressure and is es-
sentially a straight line.
A gel isolates the die surface and wire bonds from the en-
vironment, while allowing the pressure signal to be transmit-
ted to the silicon diaphragm.
Figure 3. Output versus Pressure Differential
Pressure(% Fullscale)
050
100
End Point Straight Line Fit
Exaggerated
Performance
Curve
Least Squares Fit
Least
Square
Deviation
Straight Line
Deviation
Offset
Least
Square
Deviation
kPa
PSI
40
35
30
25
15
10
5
0
-5
050
7.25
100
14.5
150
21.75
200
29
20
MAX
TYP
MIN
Offset
(TYP)
Span
Range
(TYP)
25
75
125
175
VS = 10 Vdc
TA = 25°C


Similar Part No. - MPMZ2202GS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
MPM VISHAY-MPM Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
logo
MicroPower Direct, LLC
MPM-01SV-03 MPD-MPM-01SV-03 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-05 MPD-MPM-01SV-05 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
MPM-01SV-09 MPD-MPM-01SV-09 Datasheet
295Kb / 2P
   Ultra Wide Input, 1W Miniature, Board Mount AC/DC Power Supplies
More results

Similar Description - MPMZ2202GS

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2202 FREESCALE-MPXM2202 Datasheet
265Kb / 9P
   200 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPXM2202 MOTOROLA-MPXM2202 Datasheet
245Kb / 8P
   200 KPA ON CHIP TEMPERATURE COMPENSATED & CALIBRATED SILICON PRESSURE SENSORS
MPX2202 MOTOROLA-MPX2202 Datasheet
319Kb / 12P
   200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
logo
Freescale Semiconductor...
MPVZ2202 FREESCALE-MPVZ2202 Datasheet
98Kb / 7P
   200 kPa On-Chip Temperature Compensated & Calibrated Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2100 FREESCALE-MPX2100_08 Datasheet
142Kb / 10P
   100 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
logo
Freescale Semiconductor...
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com