Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JQX-115F-T0091HNIL3NIL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JQX-115F-T0091HNIL3NIL
Description  MINIATURE HIGH POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JQX-115F-T0091HNIL3NIL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JQX-115F-T0091HNIL3NIL Datasheet HTML 1Page - List of Unclassifed Manufacturers JQX-115F-T0091HNIL3NIL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
File No.:CQC02001001951
Contact Rating
Dielectric
Strength
Shock Resistance
HONGFA RELAY
File No.:116934
10A 250VAC @ to105°C
6A 400VAC @ to105°C
JQX-115F-TH (High Temp and High Sensitive)
VDE
JQX-115F-TH-
1H(S)3(G)(F)
Specifications
Ratings
JQX-115F-TH:0.25W, JQX-115F-T:0.4W
Coil power
COIL
Sealed IP67
&Unsealed
ISO9001*ISO/TS16949 *ISO14001 CERTIFIED
VERSION: EN02-20040601
92
JQX-115F-T/TH
1A, 1C
50m (at 1A/ 6VDC)
See ordering info.
440VAC/ 125VDC
16A
2500VA
10A/ 250VAC
1 x 105OPS(360 ops/hour)
16A/ 250VAC
5 x 104OPS(360 ops/hour)
1 x 107OPS (72,000 ops/hour)
1 x 105OPS (360 ops/hour)
Contact Arrangement
Initial Contact Resistance Max.
Contact Material
Max. switching voltage
Max. switching current
Max. switching power
Mechanical life
Initial Insulation Resistance
Between coil and Contacts
Between open contacts
Surge voltage between coil and contacts
Operate time (at nomi. Volt.)
Release time (at nomi. Volt.)
Temperature rise (at nomi. Volt.)
Functional
Destructive
Vibration Resistance
Humidity
Ambient temperature
Termination
Unit weight
Construction
1000M , 500VDC
5000VAC 1min.
1000VAC 1min.
10KV (1.2X50µs)
Max. 15ms
Max. 8ms
Max. 55
100 m/s2
1000 m/s2
10 to150Hz , 10g/5g
35% to 85%
-40
to +105
PCB
13.5g
MINIATURE HIGH POWER RELAY
CONTACT DATA
Electrical life
CHARACTERISTICS
Nominal
Voltage
VDC
Coil
Resistance
(at 20
)
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
COIL DATA
5
12
24
48
60
3.50
8.40
16.8
33.6
42.0
0.5
1.2
2.4
4.8
6.0
High Temperature 105
Low height 15.7 mm
5KV dielectric coil to contacts
Creepage distance 10mm
Sealed IP67& unsealed types available
SAFETY APPROVAL RATINGS
Standard (JQX-115F-T)
Sensitive (JQX-115F-TH)
Nominal
Voltage
VDC
Coil
Resistance
(at 20
)
Pick-up
Voltage
VDC
Drop-out
Voltage
VDC
5
6
12
18
24
48
60
3.75
4.50
9.00
13.50
18.00
36.00
45.00
0.5
0.6
1.2
1.8
2.4
4.8
6.0
Max.
allowable
Voltage
VDC(at 20
)
Max.
allowable
Voltage
VDC(at 20
)
6.5
15.6
31.2
62.4
78
6.5
7.8
15.6
31.2
62.4
78
6
4.20
0.6
7.8
62
10%
90
10%
360
10%
1440
10%
5760
10%
7500
15%
9
6.30
0.9
11.7
202
10%
100
10%
144
10%
576
10%
1,296
10%
2,304
10%
9,216
15%
12,857
15%
23.4
9
6.75
0.9
11.7
324
10%
18
12.6
1.8
23.4
810
10%
*
*
*
*
*


Similar Part No. - JQX-115F-T0091HNIL3NIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JQX-115F-I ETC2-JQX-115F-I Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0051HS3A ETC2-JQX-115F-I0051HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0061HS3A ETC2-JQX-115F-I0061HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0091HS3A ETC2-JQX-115F-I0091HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
JQX-115F-I0121HS3A ETC2-JQX-115F-I0121HS3A Datasheet
345Kb / 2P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - JQX-115F-T0091HNIL3NIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com