Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP3063B Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP3063B
Description  1.5 A, Step?뭊p/Down/Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3063B Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP3063B Datasheet HTML 5Page - ON Semiconductor NCP3063B Datasheet HTML 6Page - ON Semiconductor NCP3063B Datasheet HTML 7Page - ON Semiconductor NCP3063B Datasheet HTML 8Page - ON Semiconductor NCP3063B Datasheet HTML 9Page - ON Semiconductor NCP3063B Datasheet HTML 10Page - ON Semiconductor NCP3063B Datasheet HTML 11Page - ON Semiconductor NCP3063B Datasheet HTML 12Page - ON Semiconductor NCP3063B Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
NCP3063, NCP3063B, NCV3063
http://onsemi.com
9
(See Notes 9, 10, 11)
Step−Down
Step−Up
Voltage−Inverting
ton
toff
Vout ) VF
Vin * VSWCE * Vout
Vout ) VF * Vin
Vin * VSWCE
|Vout| ) VF
Vin * VSWCE
ton
ton
toff
f
ton
toff )
1
ton
toff
f
ton
toff )
1
ton
toff
f
ton
toff )
1
CT
CT +
381.6
@ 10*6
fosc
* 343 @ 10*12
IL(avg)
Iout
Iout
ton
toff
) 1
Iout
ton
toff
) 1
Ipk (Switch)
IL(avg) )
DIL
2
IL(avg) )
DIL
2
IL(avg) )
DIL
2
RSC
0.20
Ipk (Switch)
0.20
Ipk (Switch)
0.20
Ipk (Switch)
L
Vin * VSWCE * Vout
DIL
ton
Vin * VSWCE
DIL
ton
Vin * VSWCE
DIL
ton
Vripple(pp)
DIL
1
8 f CO
2
) (ESR)2
[
ton Iout
CO
) DIL @ ESR
[
ton Iout
CO
) DIL @ ESR
Vout
VTH
R2
R1
) 1
VTH
R2
R1
) 1
VTH
R2
R1
) 1
The Following Converter Characteristics Must Be Chosen:
Vin − Nominal operating input voltage.
Vout − Desired output voltage.
Iout − Desired output current.
DIL − Desired peak−to−peak inductor ripple current. For maximum output current it is suggested that DIL be chosen to be
less than 10% of the average inductor current IL(avg). This will help prevent Ipk (Switch) from reaching the current limit threshold
set by RSC. If the design goal is to use a minimum inductance value, let DIL = 2(IL(avg)). This will proportionally reduce
converter output current capability.
f − Maximum output switch frequency.
Vripple(pp) − Desired peak−to−peak output ripple voltage. For best performance the ripple voltage should be kept to a low
value since it will directly affect line and load regulation. Capacitor CO should be a low equivalent series resistance (ESR)
electrolytic designed for switching regulator applications.
9. VSWCE − Darlington Switch Collector to Emitter Voltage Drop, refer to Figures 5, 6, 7 and 8.
10. VF − Output rectifier forward voltage drop. Typical value for 1N5819 Schottky barrier rectifier is 0.4 V.
11. The calculated ton/toff must not exceed the minimum guaranteed oscillator charge to discharge ratio.
Figure 13. Design Equations


Similar Part No. - NCP3063B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3063BDR2G ONSEMI-NCP3063BDR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCP3063BMNTXG ONSEMI-NCP3063BMNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCP3063BPG ONSEMI-NCP3063BPG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
More results

Similar Description - NCP3063B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34063A ONSEMI-MC34063A_07 Datasheet
159Kb / 13P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
February, 2007 ??Rev. 19
MC34063A ONSEMI-MC34063A_10 Datasheet
1Mb / 15P
   1.5 A, Step?뭊p/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_05 Datasheet
248Kb / 16P
   3.4 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 5
MC34166 ONSEMI-MC34166_10 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/ Inverting Switching Regulators
October, 2005 ??Rev. 7
MC34166 ONSEMI-MC34166_05 Datasheet
265Kb / 18P
   3.0 A, Step?뭊p/Down/Inverting Switching Regulators
October, 2005 ??Rev. 7
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34167 ONSEMI-MC34167_10 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/ Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34167 ONSEMI-MC34167_05 Datasheet
263Kb / 20P
   5.0 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 7
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com